Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVT-252 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MVT-252
Description  5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MVT-252 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MVT-252 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.08 x nr. of poles
6.35 x nr. of poles
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
144
5.08 and 6.35mm Pin Spacing – Fixed PCB Blocks
ELECTRICAL
Current
Voltage
Wire Range
15A
Œ
300V
30-14AWG
16A
450V
2.5mm2 Stranded
4.0mm2 Solid
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size
1.3mm
Torque
0.5Nm
Stripping Lgth. 8.3mm
(4.5 lbf-in.)
MATERIAL
Body
Polyamide
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Clamp
Nickeled Brass
125˚C IEC
Color
Green
MVT-25xx
Pin Spacing: 5.08mm
Orientation:
Vertical-Triple Level
Clamp Type: Screw Cage
Design:
Modular
Œ 16A Factory Wiring - UL
No. Poles
Cat. #
Length (mm)
Std. Pk.
6
MVT-252
12.7
9
MVT-253
17.8
12
MVT-254
22.9
15
MVT-255
27.9
18
MVT-256
33.0
21
MVT-257
38.1
24
MVT-258
43.2
27
MVT-259
48.3
30
MVT-2510
53.3
33
MVT-2511
58.4
36
MVT-2512
63.5
39
MVT-2513
68.6
42
MVT-2514
73.7
45
MVT-2515
78.7
48
MVT-2516
83.2
51
MVT-2517
88.9
54
MVT-2518
94.0
57
MVT-2519
99.1
60
MVT-2520
104.1
63
MVT-2521
109.2
66
MVT-2522
114.3
69
MVT-2523
119.4
72
MVT-2524
124.5
50
50
30
30
30
30
30
30
30
15
15
15
15
15
15
15
15
15
5
5
5
5
5
No. Poles
Cat. #
Length (mm)
Std. Pk.
2
MV-462
12.7
3
MV-463
19.0
4
MV-464
25.4
5
MV-465
31.7
6
MV-466
38.0
7
MV-467
44.4
8
MV-468
50.7
9
MV-469
57.0
10
MV-4610
63.4
11
MV-4611
69.7
12
MV-4612
76.0
13
MV-4613
82.4
14
MV-4614
88.7
15
MV-4615
95.0
16
MV-4616
101.4
Pin Spacing: 6.35mm/ 12.7mm*
Orientation:
Vertical
Clamp Type: Screw Cage
Design:
Modular
MV-46xx
ELECTRICAL
Current
Voltage
Wire Range
20A
y
300V
30-12AWG
25A
500V
4.0mm2 Stranded
6.0mm2 Solid
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size
1.3mm
Torque
0.5Nm
Stripping Lgth. 9.8mm
(4.5 lbf-in.)
MATERIAL
Body
Polyamide
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Clamp
Nickeled Brass
125˚C IEC
Color
Green
y 25A Factory Wiring - UL
* 12.7mm Pin spacing available
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
E178356
E178356


Similar Part No. - MVT-252

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
MVT040A0X3-SRPHZ LINEAGEPOWER-MVT040A0X3-SRPHZ Datasheet
467Kb / 14P
40A Analog Mega DLynxTM:
MVT040A0X4-SR-P-HZ LINEAGEPOWER-MVT040A0X4-SR-P-HZ Datasheet
467Kb / 14P
40A Analog Mega DLynxTM:
MVT040A0X43-SRPHZ LINEAGEPOWER-MVT040A0X43-SRPHZ Datasheet
467Kb / 14P
40A Analog Mega DLynxTM:
logo
Vicor Corporation
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
High Efficiency, Sine Amplitude Converter
More results

Similar Description - MVT-252

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430020 MOLEX11-0395430020 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430220 MOLEX11-0395430220 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433014 MOLEX11-0395433014 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433024 MOLEX11-0395433024 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433109 MOLEX11-0395433109 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433111 MOLEX11-0395433111 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433116 MOLEX11-0395433116 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433120 MOLEX11-0395433120 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434313 MOLEX11-0395434313 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
logo
Lumberg
ME010-508 LUMBERG-ME010-508_18 Datasheet
426Kb / 3P
Pluggable terminal blocks on pin headers, pitch 5.08 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com