Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C850 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C850
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C850 Datasheet HTML 1Page - Advanced Micro Devices AM79C850 Datasheet HTML 2Page - Advanced Micro Devices AM79C850 Datasheet HTML 3Page - Advanced Micro Devices AM79C850 Datasheet HTML 4Page - Advanced Micro Devices AM79C850 Datasheet HTML 5Page - Advanced Micro Devices AM79C850 Datasheet HTML 6Page - Advanced Micro Devices AM79C850 Datasheet HTML 7Page - Advanced Micro Devices AM79C850 Datasheet HTML 8Page - Advanced Micro Devices AM79C850 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
AMD
P R E L I M I N A R Y
2
SUPERNET 3
configurations with an external physical layer
controller.
s SUPERNET 3 has a Test Access Port and
Boundary Scan Architecture, IEEE1149.1.
s SUPERNET 3 provides Built-in Self Test (BIST)
features for the Address Filter, and PLC-S.
s All registers are readable and writable by the Node
Processor. All reserved bits shall be read back as
zero except where noted.
s The Receive Status (RS) pins are expanded from
5 to 6 pins to support enhanced status reporting.
s The Transmit Status (XS) pins are expanded from
3 to 4 pins to support enhanced status reporting.
s Enhanced frame reception is possible by splitting
the receive queue.
s Modified TAG Mode of operation for easy
conversion from NON-TAG SUPERNET 2 to
SUPERNET 3.
s All SUPERNET 3 registers will be initialized with a
default value on reset.
s The A, C indicator setting has been modified. It is
now possible to control the setting of the A, C
indicators independent of the mode of operation
(online, online special mode, and external
loopback mode).
s Maskable ‘vectored-interrupts’ are provided. It is
now possible to detect the event causing the
interrupt in the SUPERNET 3 in two cycles by
reading the vector register which gives the vector
of the status register followed by a read of the
appropriate status register.
s An additional mode register (MDREG3) is
provided. Setting the bits in this mode register
enables the additional SUPERNET 3 features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com