Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV200CUSB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PV200CUSB
Description  200W PowerVerter Ultra-Compact Car Inverter with 2 Outlets and 2 USB Charging Ports, Cup Holder Design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PV200CUSB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PV200CUSB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PV200CUSB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PV200CUSB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
200W PowerVerter Ultra-Compact Car Inverter
with 2 Outlets and 2 USB Charging Ports, Cup
Holder Design
MODEL NUMBER: PV200CUSB
Charge and/or power multiple electronic devices on the go in your car, truck, boat or RV. Compact cup-
holder design helps prevent the unit from falling or sliding while your vehicle is in motion.
Description
The PV200CUSB 200W PowerVerter® Ultra-Compact Car Inverter provides 200 watts of portable power
for charging and operating multiple devices in your car, truck, boat or RV. It converts 12V DC power into
standard 120V AC power to run a wide variety of electronics, such as smartphones, laptops, tablets, GPS
units, game systems, portable TVs, DVD players and MP3 players, as well as low-power lights, camping
accessories, battery rechargers for small battery-operated power tools and mobile office equipment. And
for extra convenience, it fits snugly into your vehicle's cup holder to help prevent it from tipping over or
sliding around during travel.
The PV200CUSB features 2 AC outlets, a 2.1A USB port and a 1.0A USB port. Just plug the DC input
jack with convenient 3-ft. (0.91 m) cord into the 12V cigarette lighter socket in your vehicle, press the
on/off switch, and the unit is ready to operate. Easy-to-read illuminated switch lets you know the inverter is
receiving power from the battery.
To prevent you from running down your car battery, the PV200CUSB turns off automatically when the
input voltage falls to 10V. Likewise, the unit will also shut down if it gets too hot (for instance, because
your connected devices exceed 200 watts). A built-in ventilation fan keeps the interior cool during
extended use. The durable plastic housing is engineered to withstand the rigors of road trips, campouts,
business trips and family vacations. No maintenance is required.
Features
Powers and Charges Up to 4 Devices
Converts 12V DC battery power to standard 120V AC power
q
Highlights
Charges multiple electronic
devices in your vehicle
q
Features 2 AC outlets, 2.1A
USB port and 1.0A USB port
q
Fits snugly into your vehicle’s
cup holder
q
Plugs into any cigarette lighter
socket
q
Durable plastic housing
q
Package Includes
PV200CUSB 200W
PowerVerter Ultra-Compact Car
Inverter
q
Warranty information
q
Owner’s Manual
q
1 / 3


Similar Part No. - PV200CUSB

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PV200-27B12 MORNSUN-PV200-27B12 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B15 MORNSUN-PV200-27B15 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B24 MORNSUN-PV200-27B24 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B26 MORNSUN-PV200-27B26 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B48 MORNSUN-PV200-27B48 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
More results

Similar Description - PV200CUSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS750 ETC2-APS750 Datasheet
161Kb / 4P
PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
EMS1250UL ETC2-EMS1250UL Datasheet
514Kb / 6P
PowerVerter 1250W Ambulance/EMS Inverter/Charger with 2 Outlets
PV375 ETC2-PV375 Datasheet
540Kb / 4P
PowerVerter짰 375W Ultra-Compact Inverter with 2 Outlets
logo
Tripp Lite. All Rights ...
PVINT375 TRIPPLITE-PVINT375 Datasheet
510Kb / 3P
375W PowerVerter Ultra-Compact Car Inverter with 1 Universal 230V 50Hz Outlet
logo
Axiomtek Co., Ltd.
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
2 Gigabit Ethernet ports and 2 USB 2.0 ports
logo
Schneider Electric
PH8U2 SCHNEIDER-PH8U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 8 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
Apr 8, 2020
PH12U2 SCHNEIDER-PH12U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 12 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
Apr 8, 2020
BE850G2 SCHNEIDER-BE850G2 Datasheet
76Kb / 2P
Back-UPS 850VA, 2 USB charging ports
logo
Tripp Lite. All Rights ...
PV1800GFCI TRIPPLITE-PV1800GFCI Datasheet
170Kb / 3P
1800W PowerVerter Compact Inverter with 2 GFCI Outlets
PV3000HF TRIPPLITE-PV3000HF Datasheet
167Kb / 3P
3000W PowerVerter Compact Inverter for Trucks with 4 Outlets
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com