Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQ01ACF032 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MQ01ACF032
Description  CLIENT MOBILE THIN HDD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MQ01ACF032 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MQ01ACF032 Datasheet HTML 1Page - Toshiba Semiconductor MQ01ACF032 Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 / 2
Copyright © 2015 Toshiba Corporation. All rights reserved.
MQ01ACFxxx - Client Mobile Thin HDD - Product Overview
Rev. 00
ENVIRONMENTAL LIMITS
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL FEATURE
Definition of capacity: Toshiba defines a megabyte (MB) as 1,000,000 bytes, a gigabyte (GB) as 1,000,000,000 bytes and a terabyte (TB) as 1,000,000,000,000
bytes. A computer operating system, however, reports storage capacity using powers of 2 for the definition of 1GB = 2
30 = 1,073,741,824 bytes and therefore shows
less storage capacity. Available storage capacity (including examples of various media files) will vary based on file size, formatting, settings, software and operating
system, such as Microsoft Operating System and/or pre-installed software applications, or media content. Actual formatted capacity may vary.
A kibibyte (KiB) means 2
10, or 1,024 bytes, a mebibyte (MiB) means 220, or 1,048,576 bytes, and a gibibyte (GiB) means 230, or 1,073,471,824 bytes.
MTTF (Mean Time to Failure) is not a guarantee or estimate of product life; it is a statistical value related to mean failure rates for a large number of products which
may not accurately reflect actual operation. Actual operating life of the product may be different from the MTTF.
Toshiba Semiconductor & Storage Products Company defines "RoHS-Compatible" products as products that either (i) contain no more than a maximum
concentration value of 0.1% by weight in Homogeneous Materials for lead, mercury, hexavalent chromium, polybrominated biphenyls (PBBs) and polybrominated
diphenyl ethers (PBDEs) and of 0.01% by weight in Homogeneous Materials for cadmium; or (ii) fall within any of the application exemptions set forth in the Annex
to the RoHS Directive (Directive 2011/65/EC of the European Parliament and of the Council of 2011 on the restriction of the use of certain hazardous substances in
electrical and electronic equipment). "Homogeneous Material" means a material of uniform composition that cannot be mechanically disjointed (meaning separated,
in principle, by mechanical actions such as unscrewing, cutting, crushing, grinding and/or abrasive processes) into different materials. Examples of "Homogeneous
Materials" would be individual types of plastics, ceramics, glass, metals, alloys, paper, board, resins and coatings.
Toshiba Semiconductor & Storage Products Company defines halogen-free and antimony-free SSD and HDD products as those meeting all of the following
requirements: (a) containing bromine (Br) and chlorine (Cl) at no more than 900 parts per million (ppm) by weight for each element, and containing bromine and
chlorine in an aggregate amount not exceeding 1500 ppm by weight; and (b) containing no more than 1000 ppm antimony (Sb) by weight. For the avoidance of
doubt, Halogen-Free/Antimony-Free SSD or HDD products may not be entirely free of bromine, chlorine, or antimony, and may contain other element of the halogen
family.
Read and write speed may vary depending on the host device, read and write conditions, and file size.
"2.5-inch" and "3.5-inch" mean the form factor of HDDs or SSDs. They do not indicate drive's physical size.
Subject to Change: While Toshiba has made every effort at the time of publication to ensure the accuracy of the information provided herein, product specifications,
configurations, and availability are all subject to change without notice.
Before creating and producing designs and using, customers must also refer to and comply with the latest versions of all relevant TOSHIBA information and the
instructions for the application that Product will be used with or for.
Model Number
MQ01ACFxxx
Height
7.0 mm Max.
Width
69.85 ± 0.25 mm
Length
100.45 mm Max.
Weight
92 g Max.
Item
Specification
Temperature
Operating
5 °C to 55 °C
Non-Operating
- 40 °C to 65 °C
Humidity
Operating
8 % to 90 % R.H. (No condensation)
Non-Operating
8 % to 90 % R.H. (No condensation)
Shock
Operating
3,430 m/s
2 {350 G} (2 ms half sine wave)
Non-Operating
8,820 m/s
2 {900 G} (1 ms half sine wave )
Vibration
Operating
9.8 m/s
2 {1.0 G} (5 to 500Hz)
Non-Operating
49 m/s
2 {5.0 G} (15 to 500Hz)
Altitude
Operating
- 300 m to +3,000 m
Non-Operating
- 300 m to +12,000 m
Model Number
MQ01ACFxxx
RoHS
Compatible
Halogen free
Yes
Antimony free
Yes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com