Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT09-PKI-RDA Datasheet(PDF) 2 Page - Digi International Inc.

Part # XT09-PKI-RDA
Description  XTEND짰-PKG RF MODEMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

XT09-PKI-RDA Datasheet(HTML) 2 Page - Digi International Inc.

  XT09-PKI-RDA Datasheet HTML 1Page - Digi International Inc. XT09-PKI-RDA Datasheet HTML 2Page - Digi International Inc. XT09-PKI-RDA Datasheet HTML 3Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WWW.DIGI.COM
SPECIFICATIONS
XTend®-PKG-R
PERFORMANCE
INDOOR/URBAN RANGE
(W/ 2.1 DB DIPOLE ANTENNA)*
Up to 1000 feet (305 m)
OUTDOOR RF LINE-OF-SIGHT RANGE
(W/ 2.1 DB DIPOLE ANTENNA)*
Up to 9 miles (14 km)
OUTDOOR RF LINE-OF-SIGHT RANGE
(W/ HIGH-GAIN ANTENNA)*
Up to 40 miles (64 km)
TRANSMIT POWER OUTPUT
(SOFTWARE SELECTABLE)
100 mW - 1 W (20 - 30 dBm)
INTERFACE DATA RATE
10 - 230,400 bps (including non-standard baud rates)
RF DATA RATE
10 Kbps to 125 Kbps
RECEIVER SENSITIVITY
-110 dBm (@9,600 bps throughput data rate), -100 dBm (@115,200 bps)
POWER REQUIREMENTS
SUPPLY VOLTAGE
7 - 28V
7 - 28V
RECEIVE CURRENT
110 mA
100 mA (Self Power)
TRANSMIT CURRENT
Up to 580 mA
88 - 480 mA
PIN SLEEP POWER-DOWN
18 mA
17 mA
IDLE CURRENT
(VARIOUS CYCLIC SLEEP INTERVALS)
19 - 39 mA
21 - 35 mA (Self Power)
SERIAL PORT SLEEP POWER-DOWN
45mA
45mA
GENERAL
CONNECTION OPTIONS
RS-232/422/485, DB-9
USB
DIMENSIONS (L X W X H)
2.75 in x 5.50 in x 1.13 in
(6.99 cm x 13.97 cm x 2.86 cm)
2.75 in x 5.50 in x 1.13 in
(6.99 cm x 13.97 cm x 2.86 cm)
WEIGHT
7.10 oz (200 g)
7.10 oz (200 g)
OPERATING TEMPERATURE
-40º C to 85º C (industrial)
0º C to 70º C (commercial)
ANTENNA OPTIONS
RPSMA (Reverse Polarity SMA)
RPSMA (Reverse Polarity SMA)
IMPEDANCE
50 ohms unbalanced
50 ohms unbalanced
NETWORKING & SECURITY
OPERATING FREQUENCY
ISM 902 - 928 MHz
SPREAD SPECTRUM
FHSS (Frequency Hopping Spread Spectrum)
MODULATION
FSK (Frequency Shift Keying)
SUPPORTED NETWORK TOPOLOGIES
Peer-to-Peer (no master/slave dependencies), Point-to-Point, Point-to-Multipoint
CHANNEL CAPACITY
10 hop sequences share 50 frequencies
ENCRYPTION
256-bit AES Encryption (AES algorithm meets Federal Information Processing Standard-197 (FIPS-197))
AGENCY APPROVALS
FCC PART 15.247
MCQ-XBPSX
INDUSTRY CANADA (IC)
1846A-XBPSX
AUSTRALIA
RCM
XTend®-PKG-U
XTEND-PKG-R - FRONT
DB-9M
Console
RSSI
LEDs
I/O &
Power
LEDs
Reset
Switch
Power
Connector
XTEND-PKG-R - BACK
Antenna
Connector
DIP Switch
XTEND-PKG-U - FRONT
USB
I/O &
Power
LEDs
RSSI
LEDs
Power
Connector
XTEND-PKG-U - BACK
Antenna
Connector
Config
Switch
*Range figure estimates are based on free-air terrain with limited sources of interference. Actual range will vary based on transmitting power, orientation of transmitter and receiver,
height of transmitting antenna, height of receiving antenna, weather conditions, interference sources in the area, and terrain between receiver and transmitter, including indoor and
outdoor structures such as walls, trees, buildings, hills, and mountains.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com