Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCDA05 Datasheet(PDF) 2 Page - Protek Devices

Part # PLCDA05
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLCDA05 Datasheet(HTML) 2 Page - Protek Devices

  PLCDA05 Datasheet HTML 1Page - Protek Devices PLCDA05 Datasheet HTML 2Page - Protek Devices PLCDA05 Datasheet HTML 3Page - Protek Devices PLCDA05 Datasheet HTML 4Page - Protek Devices PLCDA05 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05076.R 7 4/05
PLCDA03
thru
PLCDA24
DEVICE CHARACTERISTICS
0.1
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
500W 8/20µs Waveform
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
Note 1: Devices are designed to be used in parallel (See Circuit Diagram). For other applications, contact the factory. Do not apply surge in the
“forward” direction of the TVS.
Note 1: Do not surge from pins 8 to 1, 2 to 7, 6 to 3 and 4 to 5. PIV typically greater than 100V for each rectifier die. Electrical characteristics apply
to pins 1 to 8, 7 to 2, 3 to 6 and 5 to 4.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
(See Note 2)
@0V, 1 MHz
C
pF
PLCDA03
PLCDA05
PLCDA08
PLCDA12
PLCDA15
PLCDA24
SGA
SGB
SGF
SGC
SGD
SGE
4.5
6.0
8.5
13.3
16.7
26.7
7.0
9.8
13.4
19.0
24.0
43.0
10.9V @ 43.0A
13.5V @ 42.0A
16.0V @ 34.0A
25.9V @ 21.0A
30.0V @ 17.0A
49.0V @ 12.0A
5
5
5
5
5
5
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
20
10
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
5.0
8.0
12.0
15.0
24.0
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com