Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOL2KWM Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SRCOOL2KWM
Description  SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL2KWM Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SRCOOL2KWM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL2KWM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL2KWM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SRCOOL2KWM Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COOLING
Cooling Type
Active
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
2-digit LCD displays numerical temperature readout
Front Panel LEDs
Push-button control panel with multiple LEDs for operational configuration
PHYSICAL
Color
Black
Form Factors Supported
Wall Mount Rack Mount
Material of Construction
Steel
Shipping Dimensions (hwd / cm)
42.93 x 49.78 x 59.94
Shipping Dimensions (hwd / in.)
16.90 x 19.60 x 23.60
Shipping Weight (kg)
24.04
Shipping Weight (lbs.)
53.00
Unit Dimensions (hwd / cm)
28.19 x 34.29 x 34.29
Unit Dimensions (hwd / in.)
11.1 x 13.5 x 13.5
Unit Weight (kg)
15.88
Unit Weight (lbs.)
35
ENVIRONMENTAL
Cooling Capacity
2,000 BTU / 0.6 kW
COMMUNICATIONS
SNMP Compatibility
SRCOOLNET2 (Optional) remote management accessory for remote monitoring and control
SPECIAL FEATURES
Dehumidifier
0.83 liters/hr
Compressor Type
Rotary
Refrigerant
R134A
Refrigerant Amount
220G
Airflow
Evaporator = 78 CFM / Condenser = 130 CFM
Amp Draw Nominal
2.47A
Sound Level (Noise)
< 55 DB
STANDARDS & COMPLIANCE
Certifications
Tested to UL484; CSA 22.2 NO. 117-1970, RoHS; NOM
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com