Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP310USBC Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP310USBC
Description  Protect It! 3-Outlet Surge Protector with Desk Clamp, 10 ft. (3.05 m) Cord, 510 Joules, 2 USB Charging Ports, Black Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP310USBC Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP310USBC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP310USBC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP310USBC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP310USBC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LED(s)
Yes
Diagnostic LED Details
X1 GREEN LED - PROTECTED
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
510
AC Suppression Response Time
< 1ns
Protection Modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line suppression
Clamping Voltage (RMS)
1000
UL1449 Let Through Rating
1000
EMI / RFI Filtering
Yes
Immunity
Conforms to IEE 587/ANSI C62.41
Automatic Shut-Off
No
CHARGING
Charging Ports / Amps
(2) 3.1A
Number of Charging Ports
2
Charging Method
USB
Charging Port Type
USB A (FEMALE)
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Antimicrobial Coating
No
Color
Black
Color (AC Line Cord)
Black
Housing Color
Black
Included Mounting Accessories
Mounting hardware
Integrated Keyhole Mounting Slots
No
Material of Construction
Plastic
Receptacle Color
Black
Shipping Dimensions (hwd / cm)
20.83 x 10.92 x 13.21
Shipping Dimensions (hwd / in.)
8.20 x 4.30 x 5.20
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com