Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR0504F Datasheet(PDF) 4 Page - Protek Devices

Part # PLR0504F
Description  STEERING DIODE / TVS ARRAY COMBO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0504F Datasheet(HTML) 4 Page - Protek Devices

  PLR0504F Datasheet HTML 1Page - Protek Devices PLR0504F Datasheet HTML 2Page - Protek Devices PLR0504F Datasheet HTML 3Page - Protek Devices PLR0504F Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05240.R0 1/06
PLR0504F
PACKAGE OUTLINE & DIMENSIONS
4
3
2
1
7
6
5
D
E
K
65
4
32
1
F
A
G
C
L
B
M
0° - 8°
J
A
B
C
D
E
F
G
J
K
L
M
1.90
1.15
0.80
0.15
0.65 BSC
1.30 BSC
0.80
0.08
2.00
0
0.26
2.15
1.35
1.00
0.30
-
-
1.10
0.25
2.20
0.10
0.46
0.074
0.045
0.031
0.006
0.0255 BSC
0.0512 BSC
0.031
0.003
0.078
0
0.010
0.084
0.055
0.040
0.012
-
-
0.043
0.010
0.086
0.004
0.018
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Dimensioning and tolerances per ANSI Y14.5M, 1985.
2. Controlling Dimension: Inches
3. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SC70-6L
MOUNTING PAD
0.020
0.051
0.026
0.068
0.024
0.044
0.092
1
2
3
4
5
6
7
0.50
1.30
0.65
1.72
0.60
1.11
2.33
DIM Millimeters Inches
TYPICAL
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e.,
PLR0504F-T7.
3. Suffix-P = Lead-Free Nickel-Paladium-Gold Plating, i.e.,
PLR0504F-P-T7.
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
Indicated
by Dot
Tape & Reel Specifications (Dimensions in millimeters)
DE
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
2.25 ± 0.10 2.34 ± 0.10 1.22 ± 0.10
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Outline & Dimensions: Rev 3 - 9/05, 06019



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com