Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-817S-R6AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-817S-R6AE
Description  17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-817S-R6AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-817S-R6AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-817S-R6AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-817S
Specifications
General
ƒ
OSD Controls
OSD control pad on rear panel with lockable function
Two user-defined contrast/brightness settings
ƒ
Certification
CE, FCC Class A, BSMI, CCC, UL
ƒ
Dimensions (W x H x D) 432.5 x 365.5 x 59.3 (17.03 x 14.39 x 2.33 in)
ƒ
Enclosure
Front panel: 304 stainless steel bezel
Rear cover: SPCC with anti-rust coating
ƒ
Mount Options
Panel, wall, desktop, VESA arm
ƒ
Power Input
Phoenix Jack: 24 VDC input
ƒ
Power Consumption
12W +20%
ƒ
Video Port
VGA & DP Port
ƒ
Weight (Net)
7.73 kg (17.04 lbs)
LCD Display
ƒ
Display Type
SXGA TFT LCD
ƒ
Backlight Type
LED
ƒ
Display Size
17"
ƒ
Max. Resolution
1280 x 1024
ƒ
Max. Color
16.7M
ƒ
Viewing Angle (H/V °) 160/140
ƒ
Luminance (cd/m2)
350
ƒ
Backlight Life
50,000 hr
ƒ
Contrast Ratio
800:1
ƒ 17" SXGA TFT LED LCD with 50K backlight lifetime
ƒ Robust design with 304 stainless steel front bezel and anti-rust coated SPCC
rear cover
Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ Increased reliability with enhanced 5-wire resistive touch sensor
ƒ Anti-glare screen with tempered glass and IP66-certified front panel
ƒ Direct VGA & DP video input interface
ƒ OSD control pad with lockable function on rear panel
ƒ Supports panel, VESA, wall, desktop, and stand mounting
Touchscreen
ƒ
Driver
Penmount 6000
ƒ
Type
5-wire resistive with enhanced ITO film
ƒ
Interface
USB
ƒ
Lifespan
36 million with a silicone rubber R8 finger,
writing rate is by 250g at 2 times/s
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows XP, 2000, Vista, 7/8/10 Embedded, CE, Linux
Environment
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Storage Temperature
-30 ~ 70 °C (-22 ~ 158 °F)
ƒ
Humidity (Storage)
10 ~ 90% non-condensing
ƒ
IP Rating
Front panel IP66
ƒ
Shock
11ms, 10G (Non Operating, Half Sine Wave)
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-817S-R6AE
17" SXGA Ind. Monitor w/ SS Front, Wide Temp,
Res. TS
17" SXGA Industrial Monitor with
Resistive Touch Control, Direct VGA,
DP Ports, and 304 Stainless Steel Front
Bezel
Introduction
FPM-800S series is a rugged and reliable industrial monitor, which also supports wide-temperature that make it suits almost all applications. True flat IP66-rated front brings not only
the elegant outlook, it also provides protection from water and dust intrusion that making daily cleaning easier. With the support for a wide operating temperature range (-20 ~ 60°C /
-4 ~ 140°F) and 304 stainless steel front bezel, FPM-800S is especially suitable in hygiene-demanding and hazardous environments.
All product specifications are subject to change without notice.
Last updated: 25-Feb-2020


Similar Part No. - FPM-817S-R6AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-817S-R6A ADVANTECH-FPM-817S-R6A Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
More results

Similar Description - FPM-817S-R6AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
FPM-212 ADVANTECH-FPM-212 Datasheet
509Kb / 2P
12 XGA/15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
25-Oct-2021
FPM-5191G ADVANTECH-FPM-5191G Datasheet
404Kb / 2P
15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-815S ADVANTECH-FPM-815S Datasheet
433Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com