Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAPFD Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # CAPFD
Description  D SERIES FEMALE CAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

CAPFD Datasheet(HTML) 1 Page - Switchcraft, Inc.

  CAPFD Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.04
1.0
0.78
19.7
0.27
6.7
0.43
11.0
0.95
24.2
0.19
4.7
0.11
2.8
2.25
57.2
1.43
36.3
1.01
25.6
1.02
26.0
0.65
16.5
1.030
26.16
0.656
16.66
2X
0.14
3.5
NOTES:
1. MATERIAL - BLACK THERMOPLASTIC ELASTOMER.
2. THIS PART IS ROHS COMPLIANT.
A
CAPFD
"D" SERIES FEMALE CAP
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.02
- THREE PLACE DECIMALS
0.005
1
OF
1
SHEET
8-12-15
TJK
10-13-14
SRC
SRC
10-13-14
TJK
SRC
6-24-15
RELEASED 27511
A
APVD
CHKD
BY
DATE DRAWN
1:1
SCALE
FIRST USED ON
SPEC No.
SPEC No.
SEE NOTES
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - CAPFD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CAP-10/10/440R LITTELFUSE-CAP-10/10/440R Datasheet
279Kb / 8P
Motor Run Capacitor
2022
CAP-10/440 LITTELFUSE-CAP-10/440 Datasheet
279Kb / 8P
Motor Run Capacitor
2022
CAP-10/440R LITTELFUSE-CAP-10/440R Datasheet
279Kb / 8P
Motor Run Capacitor
2022
CAP-12.5/440 LITTELFUSE-CAP-12.5/440 Datasheet
279Kb / 8P
Motor Run Capacitor
2022
CAP-12.5/440R LITTELFUSE-CAP-12.5/440R Datasheet
279Kb / 8P
Motor Run Capacitor
2022
More results

Similar Description - CAPFD

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6058 PASTERNACK-PE6058 Datasheet
72Kb / 1P
7/16 FEMALE CAP WITH CHAIN
PE6108 PASTERNACK-PE6108 Datasheet
69Kb / 1P
BNC FEMALE CAP
PE6135 PASTERNACK-PE6135 Datasheet
232Kb / 2P
Shorting TNC Female Dust Cap
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
Shorting Dust Cap for SMA Female
logo
List of Unclassifed Man...
BU-P3839 ETC2-BU-P3839 Datasheet
162Kb / 1P
BNC Female Cap
logo
Pasternack Enterprises,...
PE6193 PASTERNACK-PE6193 Datasheet
197Kb / 2P
2.4mm Female Shorting Dust Cap
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
logo
HARTING Technology Grou...
09670090711 HARTING-09670090711 Datasheet
47Kb / 1P
D-Sub, Dust cap. thermoplastic block, for female connector 9 poles
09-APR-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com