Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGUIDE Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # CGUIDE
Description  Cable Management Arm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CGUIDE Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  CGUIDE Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/13/2021
Cable Management Arm (CGUIDE Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/accessories/cguide
1/1
Mounting Hardware
Hook and Loop Roll
Data subject to change without notice
Cable Management Arm CGUIDE Series
Features
Includes mounting hardware & tie wraps.
Designed to fit standard EIA rails.
Helps eliminate cable stress and keep cables organized.
Mounts to rear rack rail and rear of sliding equipment.
Finished in textured black powder paint.
Requires mounting hardware.
RoHS and REACH compliant.
Manufactured in North America.
Accessories
Part No.
Overall
Rack
Usable Mounting Dimensions
Channel Width
Units
Height
Depth
CGUIDE
0.56
2U
3.38
29.76
© 2021. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Description - CGUIDE

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CM-4850 BUD-CM-4850 Datasheet
35Kb / 1P
CABLE MANAGEMENT BRACKET
CM-4852 BUD-CM-4852 Datasheet
35Kb / 1P
CABLE MANAGEMENT PANEL
CM-1225 BUD-CM-1225 Datasheet
32Kb / 1P
CABLE MANAGEMENT PANEL 1U
CM-1227 BUD-CM-1227 Datasheet
51Kb / 1P
CABLE MANAGEMENT PANEL 2U
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
CABLE MANAGEMENT BRACKET, STRAPS
logo
Richco, Inc.
RX1313-0 RICHCO-RX1313-0 Datasheet
70Kb / 1P
CABLE & FIBER MANAGEMENT
SRCC-1 RICHCO-SRCC-1 Datasheet
195Kb / 1P
FIBER, WIRE CABLE MANAGEMENT
logo
Bud Industries, Inc.
CMR-8040 BUD-CMR-8040 Datasheet
49Kb / 1P
CABLE MANAGEMENT RACK
logo
Texas Instruments
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
Power Management for ARM Cortex-A8/A9 SOCs
TPS65219-Q1 TI-TPS65219-Q1 Datasheet
2Mb / 130P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors
DECEMBER 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com