Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PK-1DITF-R Datasheet(PDF) 2 Page - Micron Technology

Part # EDB8164B4PK-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PK-1DITF-R Datasheet(HTML) 2 Page - Micron Technology

  EDB8164B4PK-1DITF-R Datasheet HTML 1Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 2Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 3Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 4Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 5Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 6Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 7Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 8Page - Micron Technology EDB8164B4PK-1DITF-R Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 152 page
background image
Figure 1: LPDDR2 Part Numbering
ED
B
81
64
B
Micron Technology
Type
D = Packaged device
Product Family
B = Mobile LPDDR2 SDRAM
Density/Chip Select
A1 = 16Gb/4-CS (2-CS/channel)
Organization
64 = x64
Power Supply Interface
B = V
DD1 = 1.8V, V DD2 = VDDQ = 1.2V,
S4B device, HSUL
4
PR 1D
-
Speed
1D = 1066 Mb/s
Package
PR = BGA for Pop
PT = BGA for Pop
PK = BGA for Pop
Revision
F
D
Packing Media
D = Dry Pack (Tray)
R = Tape and Reel
Environment Code
F = Lead-free (RoHS-compliant)
and halogen-free
-
81 = 8Gb/2-CS
IT
Special options
Blank = Non-Automotive
Operating Temperature
IT = –40°C to +85°C
AT = –40°C to +105°C
Blank = –30°C to +85°C
FBGA Part Marking Decoder
Due to space limitations, FBGA-packaged components have an abbreviated part marking that is different from the
part number. Micron’s FBGA part marking decoder is available at www.micron.com/decoder.
Table 3: Package Codes and Descriptions
Package
Code
Ball
Count
# Ranks
# Chan-
nels
Size (mm)
Die per
Package
Solder Ball
Composition
PR
216
1
2
12mm x 12mm x 0.80mm, 0.40 pitch
DDP
SAC302
PT
216
1
2
12mm x 12mm x 0.80mm, 0.40 pitch
DDP
SAC302
PR
216
2
2
12mm x 12mm x 1.00mm, 0.40 pitch
QDP
SAC302
PK
220
1
2
14mm x 14mm x 0.70mm, 0.50 pitch
DDP
SAC302
Notes:
1. DDP = dual-die package, QDP = quad-die package
2. Solder ball material: SAC302 (96.8% Sn, 3% Ag, 0.2% Cu).
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Features
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
2
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com