Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGSCC201-R-B-B-E Datasheet(PDF) 1 Page - Carling Technologies

Part # RGSCC201-R-B-B-E
Description  Single/Double Pole Lighted Rocker & Paddle Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

RGSCC201-R-B-B-E Datasheet(HTML) 1 Page - Carling Technologies

  RGSCC201-R-B-B-E Datasheet HTML 1Page - Carling Technologies RGSCC201-R-B-B-E Datasheet HTML 2Page - Carling Technologies RGSCC201-R-B-B-E Datasheet HTML 3Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.carlingtech.com 860.793.9281 sales@carlingtech.com
Typical Applications
request sample, configure part
RG-Series
Single/Double Pole Lighted Rocker & Paddle Switches
PRODUCT WEBPAGE
The double pole version of the R-Series incorporates the
same sleek lines as the original Curvette, in a double
pole envelope. Features include silver-plated butt-action
contacts which afford ratings to 20A/125, 15A 250VAC and
withstand peak inrush currents up to 100 amps. Paddle
or rocker actuators and a choice of solder lug, .250 Tab
and wire lead terminations enable this switch to adapt to
high current applications.
∙ Power Supply
∙ Appliances
∙ Exercise Equipment
∙ Music Equipment
Poles
Amps
VDC
VAC
1-2 10-20
6-24
125-250


Similar Part No. - RGSCC201-R-B-B-E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RGS OHMITE-RGS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Magnelab.
RGS-0750-005 MAGNELAB-RGS-0750-005 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
RGS-0750-010 MAGNELAB-RGS-0750-010 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
RGS-0750-020 MAGNELAB-RGS-0750-020 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
RGS-0750-030 MAGNELAB-RGS-0750-030 Datasheet
218Kb / 1P
Three-Phase Split-Core RGS-0750 Revenue Grade AC Current Sensor
More results

Similar Description - RGSCC201-R-B-B-E

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
Double Pole Power Rocker Switches
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
Miniature Double Pole Rocker Switches
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
Sealed Miniature Rocker & Paddle Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
Double Pole Power Rocker Switches
logo
E-SWITCH
300 E-SWITCH-300 Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
Miniature Rocker and Paddle Switches
logo
Carling Technologies
LRA911-RS-B CARLINGTECH-LRA911-RS-B Datasheet
625Kb / 4P
Single Pole Lighted Rocker
LTA201-PR-B-A CARLINGTECH-LTA201-PR-B-A Datasheet
606Kb / 4P
Single Pole Lighted Rocker Switches
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
Single Pole Rocker & Paddle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com