Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGSCC211-R-B-B-0 Datasheet(PDF) 2 Page - Carling Technologies

Part # RGSCC211-R-B-B-0
Description  Single/Double Pole Lighted Rocker & Paddle Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

RGSCC211-R-B-B-0 Datasheet(HTML) 2 Page - Carling Technologies

  RGSCC211-R-B-B-0 Datasheet HTML 1Page - Carling Technologies RGSCC211-R-B-B-0 Datasheet HTML 2Page - Carling Technologies RGSCC211-R-B-B-0 Datasheet HTML 3Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2.
TERMINAL TYPE
SOLDER LUG
WIRE LEAD
.275
[6.99]
1.125
[28.58]
.500
[12.70]
6.000
[152.40]
.187
[4.75]
.125
[3.18]
X
.150
[3.81]
19
1.012
[25.70]
.784
[19.91]
PADDLE
1.072
[27.23]
.866
[22.00]
TEST CUT
HOLE IN
ACTUAL
MATERIAL
TEST CUT
HOLE IN
ACTUAL
MATERIAL
+.004[.10]
-.000[.00]
RGSC
RGSE
MOUNTING HOLE
Panel Thickness: .025 min - .187 max.
Specific cutout dimension range dependent
on panel thickness and material.
RGSE
RGSC
1.176
[29.87]
1.070
[27.17]
1.180
[29.97]
.725
[18.42]
.375
[9.53]
1.086
[27.58]
1.145
[29.08]
.080
[2.03]
1.240
[31.50]
.215
[5.46]
1.181
[30.00]
.872
[22.15]
1.000
[25.4]
+.000[.00]
-.004[.10]
.250
[6.35]
.250 TAB (Q.C.)
Notes:
1
Additional ratings, colors and clear style actuators are available.Consult factory.
Ordering Scheme
15A 250 VAC, 20A 125 VAC, 3/4 HP 125-250 VAC, 14(6)A 250 VAC
Solder Lugs .250 Tabs Wire Leads
Standard Base
OFF-NONE-ON (Single Pole)
RGSCA900 RGSCA901 RGSCA905
ON-NONE-ON (Single Pole)
RGSCB900 RGSCB901 RGSCB905
OFF-NONE-ON (Double Pole)
RGSCC900 RGSCC901 RGSCC905
ON-NONE-ON (Double Pole)
RGSCD900 RGSCD901 RGSCD905
European Base (22 x 30 mm cutout)
OFF-NONE-ON (Single Pole)
RGSEA900 RGSEA901 RGSEA905
ON-NONE-ON (Single Pole)
RGSEB900 RGSEB901 RGSEB905
OFF-NONE-ON (Double Pole)
RGSEC900 RGSEC901 RGSEC905
ON-NONE-ON (Double Pole)
RGSED900 RGSED901 RGSED905
hot stamp
NO LEGEND
0
OFF-ON vertical
A
OFF-ON horizontal
B
O-I horizontal
D
O-I vertical
E
Dual OFF-ON, O-I vertical
H
Dual OFF-ON, O-I horizontal
J
1. SERIES
2. ACTUATOR STYLE
3. ACTUATOR COLOR
4. BEZEL COLOR
5. ROCKER LEGEND
Sample
Part Number
RGSCA901 - R - B - B - A
Selection
1
2
3
4
5
P Paddle
R Rocker
B Black
W White
B Black
W White
Configure Complete Part Number >
1
1
Dimensional Specs
inches [millimeters]
Tech Specs
Dielectric Strength
UL/CSA: 1000V - live to dead metal parts
& opposite polarity
VDE: 4000V - live to dead metal parts;
1250V - opposite polarity & across open
contacts
Electrical Life
50,000 cycles
Operating Temperature
-40°F to 185°F (-40°C to 85°C)
*Manufacturer reserves the right to change product specification without prior notice.
Browse Standard Parts >



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com