Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR21 Datasheet(PDF) 3 Page - Digi International Inc.

Part # WR21
Description  Compact, flexible, low-cost 3G/4G/LTE enterprise router for remote and mobile networking applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

WR21 Datasheet(HTML) 3 Page - Digi International Inc.

  WR21 Datasheet HTML 1Page - Digi International Inc. WR21 Datasheet HTML 2Page - Digi International Inc. WR21 Datasheet HTML 3Page - Digi International Inc. WR21 Datasheet HTML 4Page - Digi International Inc. WR21 Datasheet HTML 5Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIGI.COM
SPECIFICATIONS
MANAGEMENT
REMOTE MANAGEMENT
Digi Remote Manager (cloud based); SNMP v1/v2c/v3 (user installed/managed)
LOCAL MANAGEMENT
Web interface (HTTP/HTTPS); CLI (Telnet, SSH, SMS, serial port)
MANAGEMENT/
TROUBLESHOOTING TOOLS
FTP, SFTP, SCP; protocol analyzer with PCAP for Wireshark; event logging with Syslog and SMTP; NTP/SNTP
MEMORY
128 MB NAND Flash/128 MB DDR2 SDRAM
POWER
INPUT
9 – 30 VDC, 18 W min power source required
CONSUMPTION
4 W typical (Idle); 12 W typical (Peak Tx/Rx)
CONNECTOR
Depending on model: locking barrel or screw-down removeable terminal block
PHYSICAL
DIMENSIONS (L X W X H)
100 mm x 131 mm x 32 mm (3.9 in x 5.2 in x 1.3 in)
WEIGHT
0.49 kg (1.08 lb)
STATUS LEDS
Power, service, WWAN, 3x signal strength
ENCLOSURE MATERIAL/RATING
Industrial (metal)/ IP30
MOUNTING
Brackets for wall mount & DIN rail sold separately
ENVIRONMENTAL
OPERATING TEMPERATURE***
-35° C to 70° C (-31° F to 158° F); reduced cellular performance may occur above 50° C (122° F)
STORAGE TEMPERATURE
-40° C to 85° C (-40° F to 185° F)
RELATIVE HUMIDITY
0% to 95% (non-condensing) @ 25° C (77° F)
ETHERNET ISOLATION
1.5 kV RMS
SERIAL PORT PROTECTION (ESD)
15 kV
HAZARDOUS (CLASS 1 DIV 2)
Models with serial (RS-232/422/485) compliant to ANSI/ISA-12.12.01-2015
APPROVALS
CELLULAR
PTCRB, NAPRD.03, GCF-CC, R&TTE, EN 301 511
SAFETY
UL 60950, CSA 22.2 No. 60950, EN60950
EMISSIONS/IMMUNITY
CE, FCC Part 15 Class B, AS/NZS CISPR 22, EN55024, EN55022 Class B
WARRANTY
PRODUCT WARRANTY
3-year + Digi Foundations****
PROTOCOLS
HTTP, HTTPS, FTP, SFTP, SSL, SMTP, SNMP (v1/v2c/v3), SSH, Telnet and CLI for web management;
Remote management via Digi Remote Manager; SMS management, protocol analyzer, ability to capture PCAP for use with Wireshark;
DynDNS; Dynamic DNS client compatible with BIND9/No-IP/DynDNS
SECURITY/VPN
Stateful inspection firewall with scripting, address and port translation;
VPN: IPSec with IKEv1, IKEv2, NAT Traversal; SSL, SSLv2, FIPS 197, open VPN client and server; PPTP, L2TP;
(5) VPN tunnels (not upgradable); Maximum VPN tunnels available: 5; Cryptology: SHA-1, MD5, RSA;
Encryption: DES, 3DES and AES up to 256-bit (CBC mode for IPsec); Authentication: RADIUS, TACACS+, SCEP for X.509 certificates;
Content filtering (via 3rd party); MAC address filtering; VLAN support; Ethernet port isolation
ROUTING/FAILOVER
IP pass-through; NAT, NAPT with IP port forwarding; Ethernet bridging; GRE; Multicast routing;
Routing protocols: PPP, PPPoE, RIP (v1, v2) OSPF, SRI, BGP, iGMP routing (multicast);
IP failover: VRRP, VRRP+TM; Automatic failover/failback to second GSM network/standby APN;
Verizon NEMO/DMNR for primary wireless access
OTHER PROTOCOLS
DHCP; Dynamic DNS client compatible with BIND9/No-IP/DynDNS; QoS via TOS/DSCP/WRED; Modbus UDP/TCP to serial; X.25 including
XOT, SNA/IP, TPAD and PAD; protocol switch; Modbus bridging for connecting diverse field assets
ENTERPRISE SOFTWARE
DESCRIPTION
***Standard temperature power supplies may reduce temperature range.
****Digi Foundations can extend the standard three-year warranty to a Limited Lifetime Warranty that provides replacement with a new or similar Digi product for a period of five years from the date of purchase.
After five years from the purchase date, the warranty value will revert to a 40 percent credit towards the MSRP of an equivalent product from Digi.
Digi TransPort® WR21



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com