Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2275 Datasheet(PDF) 21 Page - Micronas

Part # DMA2275
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2275 Datasheet(HTML) 21 Page - Micronas

Back Button DMA2275 Datasheet HTML 17Page - Micronas DMA2275 Datasheet HTML 18Page - Micronas DMA2275 Datasheet HTML 19Page - Micronas DMA2275 Datasheet HTML 20Page - Micronas DMA2275 Datasheet HTML 21Page - Micronas DMA2275 Datasheet HTML 22Page - Micronas DMA2275 Datasheet HTML 23Page - Micronas DMA2275 Datasheet HTML 24Page - Micronas DMA2275 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DMA 2275, DMA 2286
21
8.4.3. Pac2 Register
Name
Address
Function
pac2_register
0160
72*8 bit
pab_reg
0160
8*2*8 bit
bit 9–0:
packet address
bit 10,11: continuity index
pae_reg
01e0
8*5*8 bit
bit 35–0: packet address extension
psc_reg
0320
8*2*8 bit
bit 0:
packet acquisition
(1 = 0)
bit 2,1:
packet location
(01 = 1st subframe)
(10 = 2nd subframe)
(00 = both subframes)
(11 = both subframes)
bit 3:
cont. index select
(1 = on)
bit 6–4:
packet type select
(000 = ignore packet type)
(001 = select F8 or 00)
(010 = select C7 or 3F)
(110 = select F8)
(101 = select C7)
(100 = select 00)
(111 = select 3F)
bit 8,7:
packet protection
(00 = not protected)
(01 = 8 byte Hamming [8,4])
(10 = full Hamming [8,4])
(11 = Golay [24,12])
bit 11–9: packet addr. extens.
(000 = ignore pack. extension)
(001 = select1lsb of CI)
(010 = select 4bit of TG)
(011 = select 7msb of CI)
(100 = select 8bit of CI)
(101 = select 12 bit of CCA)
(110 = select 24bit of SCA
(111 = select 36bit of UCA)
bit 13,12: packet link
(00 = no packet link)
(01 = link by PT)
(10 = link by CI)
(11 = not defined)
bit 14:
pae select
(0 = in every packet)
(1 = in sync packet only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com