Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTY070LVEAX Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # RTY070LVEAX
Description  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY070LVEAX Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  RTY070LVEAX Datasheet HTML 1Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY070LVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
sensing.honeywell.com
RTY Series and RTP Series Hall-effect Rotary Position
Sensors
The RTY Series and RTP Series Hall-effect Rotary Position Sensors provide non-contact sensing in harsh transportation and
industrial applications at a competitive cost.
•
RTY Series: These shaft activated products are available in two versions: an integral shaft with or without a lever. The lever
may allow customers to reduce the number of mechanical linkages required for their applications, which may reduce the cost
of the overall customer solution.
•
RTP Series: Takes non-contact sensing to the next level by separating the magnet from the sensor body. The absence of the
actuator shaft removes the wear and tear on the bearings caused by radial forces. A choice of a bare or a housed magnet is
available.
These products use a magnetically biased, Hall-effect integrated circuit (IC) to sense rotary movement of the actuator over a set
operating range. Rotation of the actuator changes the magnet’s position relative to the IC. The resulting flux density change is
converted to a linear output.
The IC, together with conditioning and protection circuitry, is sealed in an IP69K-qualified rugged package for durability in most
harsh environments.
Eight operating ranges from 50° to 360° are tolerant to over-travel and allow use in most common applications. Low voltage and
high voltage versions cover an input voltage range of 4.5 Vdc to 30 Vdc.
Honeywell’s industry-leading capabilities in research and development provide the customer with known quality and support.
RUGGED • LONG PRODUCT LIFE • NON-CONTACT SENSING
Features
•
True, non-contact operation
•
35 M cycle product life (RTY Series); unlimited rotation (RTP
Series)
•
Solid-state Hall-effect technology
•
Rugged IP69K-sealed package with integral connector
•
Automotive-grade EMI/EMC testing, integrated reverse
polarity, and short circuit protection
•
Industry-standard AMP termination, 32 mm mounting pitch,
North American or European pinout styles, and compact
package
•
Eight operating ranges up to 360°
Potential Applications
TRANSPORTATION
•
Position and movement detection (pedals, throttles,
gear shift, levers, steering, linkages, and hitches) in
trucks, buses, off-road vehicles, cranes, and industrial/
construction/agricultural vehicles and equipment)
•
Suspension/kneeling position (buses, trucks)
•
Tilt/trim position (boat engines, tilling equipment)
INDUSTRIAL
•
Valve control
•
HVAC damper control
•
Irrigation equipment pivot control



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com