Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTY070HVEAX Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # RTY070HVEAX
Description  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY070HVEAX Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  RTY070HVEAX Datasheet HTML 1Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY070HVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
sensing.honeywell.com
Hall-effect Rotary Position Sensors
Table 2. Mechanical Specifications
Characteristic
RTY Series
RTP Series
LV (Low Voltage)
HV (High Voltage)
LV (Low Voltage)
HV (High Voltage)
Expected life
35 M cycles
infinite rotation
Air gap:
bare magnet actuator
housed magnet actuator
misalignment
-
—
—
—
3,00 mm ±0.5 mm [0.12 in ±0.02 in]
2,00 mm ±0.5 mm [0.08 in ±0.02 in]
2.002,00 mm [0.08 in] max.
Material:
shaft
magnet
sensor housing
housed magnet overmold
sensor/housed magnet bushing
sensor bushing
stainless steel
—
PBT plastic
—
—
stainless steel
—
NdFeB
PBT plastic
PPS plastic
brass
—
Mating connector
AMP Superseal 282087-1
Mechanical end stop
no
Mounting screw sizes:
sensor to mounting surface
lever to mounting surface
housed magnet actuator to
actuator mounting shaft
non-magnetic, stainless steel M5 screws and
10 mm [0.39 in] OD washers
non-magnetic stainless steel M6 screws,
—
non-magnetic, stainless steel M4 X 0.7 screws and
8 mm [0.31 in] OD washers
—
non-magnetic, stainless steel M3 X 0.5
plain cup point set screws
Approvals
CE
Table 1. Electrical Specifications
Characteristic
RTY Series
RTP Series
LV (Low Voltage)
HV (High Voltage)
LV (Low Voltage)
HV (High Voltage)
Supply voltage
5 ±0.5 Vdc
10 Vdc to 30 Vdc
5 ±0.5 Vdc
10 Vdc to 30 Vdc
Supply current:
normal
during output to ground short
20 mA max.
25 mA max.
32 mA max.
47 mA max.
20 mA max.
25 mA max.
32 mA max.
47 mA max.
Output:
standard
inverted
0.5 Vdc to 4.5 Vdc
ratiometric
4.5 Vdc to 0.5 Vdc
ratiometric
0.5 Vdc to 4.5 Vdc
non-ratiometric
4.5 Vdc to 0.5 Vdc
non-ratiometric
0.5 Vdc to 4.5 Vdc
ratiometric
4.5 Vdc to 0.5 Vdc
ratiometric
0.5 Vdc to 4.5 Vdc
non-ratiometric
4.5 Vdc to 0.5 Vdc
non-ratiometric
Output signal delay
4 ms typ.
Overvoltage protection
10 Vdc
—
10 Vdc
—
Reverse polarity protection
-10 Vdc
-30 Vdc
-10 Vdc
-30 Vdc
Output to ground short circuit
protection
continuous
Resolution
12 bit
Output load resistance
(pull down to ground)
10 kOhm typ.
EMI:
radiated immunity
100 V/m per ISO11452-2 from 200 MHz to 1000 MHz
100 V/m per ISO11452-2 from 200 MHz to 1000 MHz
conducted immunity
100 mA BCI per ISO11452-4
from 1 MHz to 200 MHz
100 mA BCI per ISO11452-4
from 1 MHz to 400 MHz
100 mA BCI per ISO11452-4
from 1 MHz to 200 MHz
100 mA BCI per ISO11452-4
from 1 MHz to 400 MHz
EMC
exceeds CE requirements



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com