Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UUD0J331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UUD0J331MCL1GS
Description  Chip Type, Low Impedance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUD0J331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UUD0J331MCL1GS Datasheet HTML 1Page - Nichicon corporation UUD0J331MCL1GS Datasheet HTML 2Page - Nichicon corporation UUD0J331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
P.17
CAT.8100J
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.35
0.50
0.64
0.83
1.00
0.3MAX.
C±0.2
H
H
0.3MAX.
C±0.2
L±0.3
L±0.5
Series
Capacitance
Lot No.
Lot No.
Capacitance
Plastic platform
Plastic platform
Series
Trade mark
Voltage (C:16V)
Voltage (V:35V)
Negative
Positive
Negative
Positive
Pressure relief vent
U
1
U
2
D
3
1
4
C
5
2
6
2
7
0
8
M
9
C
10
L
11
1
12
G
13
S
14
φ D
4 to 6.3
8 • 10
CL
NL
Configuration
Taping code
Capacitance tolerance (±20%)
Rated capacitance (22µF)
Rated voltage (16V)
Series name
Type
Code
(mm)
A
B
C
E
L
H
4 × 5.8
1.8
4.3
4.3
1.0
5.8
0.5 to 0.8
5 × 5.8
2.1
5.3
5.3
1.3
5.8
0.5 to 0.8
6.3 × 5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
6.3 × 7.7
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
8 × 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10 × 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
φ D × L
UUD ChipType,LowImpedance
Chip type, low impedance temperature range up to +105°C.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 compliant. Please contact us for details.
Chip Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
–55 to +105°C
6.3 to 50V
1 to 1500µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01 CV or 3 (µA), whichever is greater.
Black print on the case top.
The specifications listed at right shall be met
when the capacitors are restored to 20°C after the
rated voltage is applied for 5000 hours (2000
hours for φD = 4, 5 and 6.3) at 105°C.
After storing the capacitors under no load at 105°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Type numbering system (Example : 16V 22µF)
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
(
) is φ8 over
Z–25°C / Z+20°C
Z–55°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
16
2
4
10
2
4
6.3
3
5
25
2
3
35
2
3
50
2
3
Rated voltage (V)
tan δ (MAX.)
50
0.12 (0.14)
35
0.12 (0.14)
25
0.14 (0.16)
16
0.16 (0.20)
10
0.20 (0.24)
6.3
0.26 (0.28)
Within ±30% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
Capacitance change
tan δ
Leakage current
Capacitance change
Leakage current
tan δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
The capacitors are kept on a hot plate for 30 seconds, which is
maintained at 250°C. The capacitors shall meet the characteristic
requirements listed at right when they are removed from the plate
and restored to 20°C.
(φ4 to φ6.3)
(φ8,φ10 )
Dimension table in next page.
Voltage
V
6.3
10
16
25
35
50
Code
j
A
C
E
V
H
UUD
UWG
Low Impedance
Low Impedance
UCD
UWD
High
Temp reflow
ALUMINUM ELECTROLYTIC CAPACITORS
P.171
CAT.8100J
UUD
φ
δ
.
1
11
P
.3
7
.
.
3
1.
71
33
.
.
3
.7
1
331
7
.
.
3
.7
1
71
.
.
3.
.7
1
1
.3
.
.
.
.
3
1
1
.3
.
.
.3
.
3
111
1
.3
.
.
.
.
3
111
.3
.
.
13.
.
3
11
33
.3 7.7
.
.7
.3
3311
7
1
.
.1
.17
711
1
.
.
.17
11
1
1
.
3
.17
11
1
1
1
.
.
.
7
11
1
1
.
.
3
1.
11
7
.
.
3
.7
1
171
33
.
.
3.3
.7
1
1331
7
.3
.
.
.7
.
3
171
.3
.
.
.
.
3
11
.3
.
.
.
.
3
11
1
.3
.
.
1
.
3
1111
1
.3
.
.
1
.
3
1111
.3 7.7
.
.3
111
33
1
.
33
.17
13311
7
1
.
7
.17
1711
1
1
.
.
7
111
1
1
1
.
1
.
7
111
1
1
1
.
.1
3
1.
111
.
.1
3.
.7
1
11
7
.
.1
.3
.7
1
171
33
.3
.
.1
.
.
3
1331
7
.3
.
.1
7.
.
3
171
.3
.
.1
.
.
3
11
.3
.
.1
1.
.
3
11
1
.3
.
.1
1
.
3
1111
1
.3 7.7
.1
.3
1111
.3 7.7
.1
3.
.3
111
33
1
.
.
.17
13311
7
1
.
7.
.17
1711
1
1
.
1.
.
7
111
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com