Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9023 Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES9023
Description  Premier Stereo DAC with 2Vrms Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9023 Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES9023 Datasheet HTML 1Page - ESS Technology,Inc ES9023 Datasheet HTML 2Page - ESS Technology,Inc ES9023 Datasheet HTML 3Page - ESS Technology,Inc ES9023 Datasheet HTML 4Page - ESS Technology,Inc ES9023 Datasheet HTML 5Page - ESS Technology,Inc ES9023 Datasheet HTML 6Page - ESS Technology,Inc ES9023 Datasheet HTML 7Page - ESS Technology,Inc ES9023 Datasheet HTML 8Page - ESS Technology,Inc ES9023 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CONFIDENTIAL ADVANCE INFORMATION Rev. 0.71
April 6, 2015
ES9023 Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
4
FUNCTIONAL DESCRIPTION
I
2S Decoder
Run by the I
2S bit clock, typically a 64 x FS clock, the I2S Decoder translates the incoming I2S data to 24-bit signed PCM data.
If a smaller bit-width is used, the remaining is ‘zero-padded’. Driving the DIF pin low will set the DAC in I
2S mode while
driving the pin high will set the DAC in LJ mode. Below is a timing diagram illustrating the two modes (LJ and I
2S) utilized by
the ES9023.
Zero Detect
The zero-detect function outputs an external status signal (ZD) based on a zero-valued input for a given number of clock
cycles. The ZD output signal is set high when both data channels are zero for 8192 LRCK cycles.
MCLK
Asynchronous mode: MCLK must be > 192 x fs.
Synchronous mode: Please see table below for supported configurations.
LRCK (kHz)
MCLK (MHz)
fs
128 x fs
192 x fs
256 x fs
384 x fs
512 x fs
768 x fs
1152 x fs
32
-
-
-
12.288
16.384
24.576
36.864
44.1
-
-
11.2896
16.9344
22.5792
33.8688
-
48
-
-
12.288
18.432
24.576
36.864
-
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
-
-
96
12.288
18.432
24.576
36.864
49.152
-
-
176.4
22.5792
33.8688
45.1584
-
-
-
-
192
24.576
36.864
49.152
-
-
-
-
For best performance, 256 x fs or greater is recommended for 32kHz to 96kHz sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com