Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CDC596 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP08CDC596
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596 Datasheet(HTML) 4 Page - STMicroelectronics

  STP08CDC596 Datasheet HTML 1Page - STMicroelectronics STP08CDC596 Datasheet HTML 2Page - STMicroelectronics STP08CDC596 Datasheet HTML 3Page - STMicroelectronics STP08CDC596 Datasheet HTML 4Page - STMicroelectronics STP08CDC596 Datasheet HTML 5Page - STMicroelectronics STP08CDC596 Datasheet HTML 6Page - STMicroelectronics STP08CDC596 Datasheet HTML 7Page - STMicroelectronics STP08CDC596 Datasheet HTML 8Page - STMicroelectronics STP08CDC596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
STP08CDC596
4/20
Table 8: Switching Characteristics (VDD=3.3 to 5.5V, T = 25°C, unless otherwise specified.)
EQUIVALENT CIRCUIT OF INPUTS AND OUTPUTS
Figure 2: OE/DM2 Terminal
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH1
Propagation Delay Time,
CLK-OUTn, LE/DM1 = H,
OE/DM2 = L
VDD = 3 V
VIH = VDD
VIL = GND
CL = 13pF
IO = 40mA
VL = 3 V
REXT = 470 Ω
RL = 65 Ω
180
280
ns
tPLH2
Propagation Delay Time,
LE/DM1-OUTn, OE/DM2 = L
150
280
ns
tPLH3
Propagation Delay Time,
OE/DM2-OUTn, LE/DM1 = H
140
280
ns
tPLH
Propagation Delay Time,
CLK-SDO
25
35
ns
tPHL1
Propagation Delay Time,
CLK-OUTn, LE/DM1 = H,
OE/DM2 = L
30
60
ns
tPHL2
Propagation Delay Time,
LE/DM1-OUTn, OE/DM2 = L
30
50
ns
tPHL3
Propagation Delay Time,
OE/DM2-OUTn, LE/DM1 = H
35
70
ns
tPHL
Propagation Delay Time,
CLK-SDO
30
40
ns
tr
Output Rise Time
220
ns
tf
Output Fall Time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com