Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2UGRPBPC Datasheet(PDF) 5 Page - C&K Components

Part # SF2UGRPBPC
Description  Pushbutton Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SF2UGRPBPC Datasheet(HTML) 5 Page - C&K Components

  SF2UGRPBPC Datasheet HTML 1Page - C&K Components SF2UGRPBPC Datasheet HTML 2Page - C&K Components SF2UGRPBPC Datasheet HTML 3Page - C&K Components SF2UGRPBPC Datasheet HTML 4Page - C&K Components SF2UGRPBPC Datasheet HTML 5Page - C&K Components SF2UGRPBPC Datasheet HTML 6Page - C&K Components SF2UGRPBPC Datasheet HTML 7Page - C&K Components SF2UGRPBPC Datasheet HTML 8Page - C&K Components SF2UGRPBPC Datasheet HTML 9Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
A-91
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
Third Angle
Projection
F Series
Pushbutton Switches
TERMINAL STYLE
CONTACT MATERIAL
DRESS NUT
PANEL CUTOUT
PANEL CUTOUT
.067
(1.70)
.079
(2.01)
C CHROME
B BLACK
(NONE) NO DRESS NUT FOR F & F/LT
DESIGNATIONS
PB CUT PC PINS (Europe)
LB CUT SOLDER LUGS (Europe)
01B CUT PC PINS (North America)
01A CUT SOLDER LUGS (North America)
(NONE) SOLDER LUGS & PC PINS
NOTE: Available with ZF designation and
FG button.
NOTE: Available with ZF designation and FA200 buttons.
ELECTRICAL FUNCTION
OPTION CODE
FUNCTION
(NONE)
M
BBM Non-shorting
MBB Shorting (North America only)
50 VA/15 W; 125/30 V; 0.5/0.5 A
1 VA/300mW; 50/30 V; 0.04 A/0.01 A
SILVER, AG
GOLD
YES
YES
YES
YES
(NONE)
P
(NONE)
AU
RoHS
COMPLIANT *
EUROPE
OPTION CODE
NORTH AMERICA
OPTION CODE
RoHS
COMPATIBLE *
MATERIAL
RATING
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
29 may 19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com