Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF4UGRPBPC Datasheet(PDF) 3 Page - C&K Components

Part # SF4UGRPBPC
Description  Pushbutton Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SF4UGRPBPC Datasheet(HTML) 3 Page - C&K Components

  SF4UGRPBPC Datasheet HTML 1Page - C&K Components SF4UGRPBPC Datasheet HTML 2Page - C&K Components SF4UGRPBPC Datasheet HTML 3Page - C&K Components SF4UGRPBPC Datasheet HTML 4Page - C&K Components SF4UGRPBPC Datasheet HTML 5Page - C&K Components SF4UGRPBPC Datasheet HTML 6Page - C&K Components SF4UGRPBPC Datasheet HTML 7Page - C&K Components SF4UGRPBPC Datasheet HTML 8Page - C&K Components SF4UGRPBPC Datasheet HTML 9Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
A-89
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
SWITCHES WITH STANDARD OPTIONS
CONTACT
ARRANGEMENT
LENGTH
DIM ‘L’
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
CONTACT
ARRANGEMENT
LENGTH
DIM ‘L’
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
ZF2UEEBF11010108
F2UEE
F Series
Pushbutton Switches
DESIGNATION
Designation, North America
F
F Series
FLT Light touch F series
ZF
Central mounted F series
Designation, Europe
SF F Series
ZF Central mounted F series
Third Angle
Projection
29 may 19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com