Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CDC596TTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP08CDC596TTR
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596TTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP08CDC596TTR Datasheet HTML 5Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 6Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 7Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 8Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 9Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 10Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 11Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 12Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STP08CDC596
9/20
RUNNING THE DETECTION MODE
Phase One: “Entering In Detection Mode”
From the “Normal Mode” condition the device can
switch to the “Error Detection Mode” by a logic
sequence on the OE/DM2 and LE/DM1 pins as
showed in the following Table and Diagram:
Table 9: Entering In Detection Truth Table
Figure 13: Entering In Detection Timing Diagram
After these five CLK cycles the device goes into
the” Error Detection Mode” and at the 6th rise front
of CLK the SDI data are ready for the sampling.
Phase Two: “Error Detection”
The eight data bits must be set “1” in order to set
ON all the outputs during the detection. The data
are latched by LE/DM1 and after that the outputs
are ready for the detection process. When the
Micro controller switches the OE/DM2 to LOW, the
device drives the LEDs in order to analyze if an
OPEN or SHORT condition has occurred.
Figure 14: Detection Diagram
CLK
OE/DM2
H
L
H
H
H
LE/DM1
L
L
L
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com