Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

700 Datasheet(PDF) 5 Page - 3M Electronics

Part # 700
Description  3M??700-Series SMP Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

700 Datasheet(HTML) 5 Page - 3M Electronics

  700 Datasheet HTML 1Page - 3M Electronics 700 Datasheet HTML 2Page - 3M Electronics 700 Datasheet HTML 3Page - 3M Electronics 700 Datasheet HTML 4Page - 3M Electronics 700 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3M
™ 700-Series SMP Products:
SMP Sealant 730, Clear • SMP Adhesive Sealant 740UV • SMP Adhesive Sealant 760UV
- 5 -
Application Equipment
Suggestions
Cartridge and Sausage Pack:
A variety of applicators are available. Please contact your sales rep for assistance in
selecting an applicator.
Bulk Dispensing:
A 46:1 ratio dual action piston pump with a ram is suggested. Actual equipment
should be designed for your application based on the volume required. Please
contact your sales rep or the technical service group to suggest equipment
manufacturers (Graco: 1-877-844-7226 or www.graco.com).
Storage
SMP sealants and adhesive sealants must be stored in a controlled environment
to maximize shelf life. Store the products in the original unopened containers
below 77°F (25°C).
Shelf Life
When stored at recommended conditions, the shelf life is 12 months from date of
manufacture.
Precautionary
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501.
Technical Information
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such
information is not guaranteed.
Product Use
Many factors beyond
3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect
the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and
determining whether it is fit for a particular purpose and suitable for
user’s method of application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY
OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at
3M’s
option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted,
including warranty, contract, negligence or strict liability.
ISO 9001:2008
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001: 2008 standards.
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com
/sealants
3M and Scotch-Brite are trademarks of
3M Company.
©3M 2015



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com