Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI84 Datasheet(PDF) 2 Page - Altech corporation

Part # PI84
Description  Relay Socket Combination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PI84 Datasheet(HTML) 2 Page - Altech corporation

  PI84 Datasheet HTML 1Page - Altech corporation PI84 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
105
PI85
Relay Socket Combination
DATA SUBJECT TO CHANGE WITHOUT NOTICE
GZT80 Socket - PI85 DPDT AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil Resistance
Coil Operating Range
(V)
at 20°C in Ω
min. (at 20°C)
max. (at 55°C)
Type of Module
PI85-12DC-M41G
12
DC
360
8.4
30.6
M41G*
PI85-24DC-M41G
24
DC
1440
16.8
61.2
M41G*
PI85-110DC-M43G
110
DC
25200
77.0
280.0
M43G*
PI85-12DC-M91G
12
DC
360
8.4
30.6
M91G**
PI85-24DC-M91G
24
DC
1440
16.8
61.2
M91G**
PI85-110DC-M93G
110
DC
25200
77.0
280.0
M93G**
PI85-120AC-M93G
120
AC 50/60Hz
10200
96.0
144.0
M93G**
PI85-230AC-M93G
230
AC 50/60Hz
38500
184.0
276.0
M93G**
GZM80 Socket - PI85 DPDT AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil Resistance
Coil Operating Range
(V)
at 20°C in Ω
min. (at 20°C)
max. (at 55°C)
Type of Module
PI85-012DC-00LD
12
DC
360
8.4
30.6
M41G*
PI85-024DC-00LD
24
DC
1440
16.8
61.2
M41G*
PI85-110DC-00LD
110
DC
25200
77.0
280.0
M43G*
PI85-012DC-00LV
12
DC
360
8.4
30.6
M91G**
PI85-024DC-00LV
24
DC
1440
16.8
61.2
M91G**
PI85-110DC-00LV
110
DC
25200
77.0
280.0
M93G**
PI85-120AC-00LV
120
AC 50/60Hz
10200
96.0
144.0
M93G**
PI85-230AC-00LV
230
AC 50/60Hz
38500
184.0
276.0
M93G**
* Module LD (polarization N) It limits overvoltage on DC coils. Coil energizing indication. ** Module LV It limits overvoltage on AC and DC coils. Coil energizing indication.
Relay:
RM85
(see page 76 for detailed information)
Socket GZT80/GZM80
(see page 81 for detailed information)
PI85
GTZ80 socket
PI85
GTM80 socket
COM
NO
NC
COI L
+A1
-A2
A1
A2
21
24
22
11
14
12
21
24
22
11
14
12
DC version
AC version
Socket
GZM80
Relay
RM85
Retainer /
retractor clip
GZT80-0040
Module
type M...
Description
plate
GZT80-0035
78. 1 - 0.2
35.4
21.39
8.57
6.2
22.78
12 A. 300 V A C
12 A. 300 V A C
22
21
24
12
11
14
+A1
-A2
PI85-GZT80
DIMENSIONS
CONNECTION
CONNECTION
DIAGRAMS
PI85-GZM80
All accessories are included.
Technical Information
Current ......................16 A
Voltage.......................250V AC / 24V DC
Wire Range................2.5 mm2 / 24-14 AWG
Torque........................0.7 Nm
BOLD
- Regular stocked items.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com