Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST31H256 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST31H256
Description  Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST31H256 Datasheet(HTML) 1 Page - STMicroelectronics

  ST31H256 Datasheet HTML 1Page - STMicroelectronics ST31H256 Datasheet HTML 2Page - STMicroelectronics ST31H256 Datasheet HTML 3Page - STMicroelectronics ST31H256 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
November 2015
DocID028554 Rev 1
1/4
ST31H320 ST31H256
ST31H192 ST31H128
Secure microcontroller
with enhanced security and up to 320 Kbytes of Flash memory
Data brief
Features
Hardware features
 ARM® SecurCore® SC000™ 32-bit RISC core
 10 Kbytes of User RAM
– Up to 320 Kbytes of secure, high-density
User Flash memory
 Operating temperature: –25 °C to +85° C
 Three 16-bit timers with interrupt
 Watchdog timer
 1.62 V to 5.5 V supply voltages
 External clock frequency up to 10 MHz
 CPU clock frequency up to 28 MHz
 Power-saving Standby state
 Contact assignment compatible with
ISO/IEC 7816-3 standards
 Asynchronous receiver transmitter (IART) with
RAM buffer for high speed serial data support
(ISO/IEC 7816-3 T=0/T=1 and EMV compliant)
 ESD protection greater than 5 kV (HBM)
Security features
 Active shield
 Monitoring of environmental parameters
 Three-key Triple DES accelerator
 AES accelerator
 AIS-31 Class PTG.2 compliant true random
number generator (TRNG)
 NESCRYPT coprocessor for public key
cryptography algorithm
 ISO/IEC 13239 CRC calculation block
 Unique serial number on each die
 Protection against multiple attacks
The ST31H platform includes the following
devices:
UFDFPN8
8-contact modules
Wafer
6-contact modules
Table 1. Device summary
Device
NVM Size (in Kbytes)
ST31H320
320
ST31H256
256
ST31H192
192
ST31H128
128
www.st.com


Similar Part No. - ST31H256

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ST3100L CHENDA-ST3100L Datasheet
350Kb / 2P
TRENCH SCHOTTKY RECTIFIER
logo
KOA Speer Electronics, ...
ST31050201FAX100BD KOA-ST31050201FAX100BD Datasheet
115Kb / 4P
thermal sensors
ST31050201FAX100BF KOA-ST31050201FAX100BF Datasheet
115Kb / 4P
thermal sensors
ST31050201FAX100BG KOA-ST31050201FAX100BG Datasheet
115Kb / 4P
thermal sensors
ST31050201FAX100CD KOA-ST31050201FAX100CD Datasheet
115Kb / 4P
thermal sensors
More results

Similar Description - ST31H256

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA64F3048SEC INNOVASIC-IA64F3048SEC Datasheet
19Kb / 2P
SECURITY-ENHANCED MICROCONTROLLER
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
18-Jul-2005
logo
ATMEL Corporation
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
logo
STMicroelectronics
STM32F103RET6 STMICROELECTRONICS-STM32F103RET6 Datasheet
1Mb / 130P
256 to 512 Kbytes of Flash memory
19-Apr-2011
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
64 to 256 Kbytes of Flash memory
01-Aug-2011
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
29-Jan-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com