Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST31H192 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST31H192
Description  Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST31H192 Datasheet(HTML) 2 Page - STMicroelectronics

  ST31H192 Datasheet HTML 1Page - STMicroelectronics ST31H192 Datasheet HTML 2Page - STMicroelectronics ST31H192 Datasheet HTML 3Page - STMicroelectronics ST31H192 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
ST31H320, ST31H256, ST31H192, ST31H128
2/4
DocID028554 Rev 1
1
Description
Designed for secure ID and banking applications, the ST31H platform products (ST31H320,
ST31H256, ST31H192 and ST31H128) are serial access microcontrollers that incorporate
the most recent generation of ARM processors for embedded secure systems. Their
SecurCore® SC000™ 32-bit RISC core is built on the Cortex™ M0 core with additional
security features to help to protect against advanced forms of attacks.
Cadenced at 28 MHz, the SC000™ core brings great performance and excellent code
density thanks to the Thumb®-2 instruction set.
The ST31H platform offers a serial communication interface fully compatible with the
ISO/IEC 7816-3 standard (T=0, T=1).
Three 16-bit general-purpose timers, as well as a watchdog timer, are available.
The devices feature hardware accelerators for advanced cryptographic functions. The AES
accelerator provides a high-performance implementation of AES-128, AES-192, AES-256
algorithms. The 3-key Triple DES accelerator (EDES+) peripheral enables Cipher Block
Chaining (CBC) mode, fast DES and triple DES computation based on three key registers
and one data register, while the NESCRYPT cryptoprocessor efficiently supports the public
key algorithm with native operations up to 4096 bits long.
The ST31H platform operates in the –25 to +85 °C temperature range at 1.8 V, 3 V and 5 V
supply voltage ranges. A comprehensive range of power-saving modes enables the design
of efficient low-power applications.
Software development tools description
Dedicated SecurCore® SC000™ software development tools are provided by ARM® and
Keil®. This includes the Instruction Set Simulator (ISS) and C compiler. The documentation
is available on the ARM and Keil web sites.
Moreover, STMicroelectronics provides:
A time-accurate hardware emulator controlled by the Keil debugger and the ST
development environment.
A complete product simulator based on Keil’s ISS simulator for the SecurCore®
SC000™ CPU.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com