Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EB Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST3485EB
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST3485EB_V01 Datasheet HTML 4Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 5Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 6Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 7Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 8Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 9Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 10Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 11Page - STMicroelectronics ST3485EB_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
8/24
DocID9102 Rev 11
Table 10: Driver switching characteristics (VCC = 3 V to 3.6 V, TA = 0 to 70 °C for
ST3485ECDR, TA = -40 to 85 °C for ST3485EBDR, TA = -40 to 125 °C for ST3485EIDT and
ST3485EIYDT, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
12
15
Mbps
tDD
Differential output delay
RL
= 60 Ω, CL = 15 pF (Figure 5 and
Figure 6)
18
30
ns
tTD
Differential output
transition time
RL
= 60 Ω, CL = 15 pF (Figure 5 and
Figure 6)
12
20
tPLH tPHL
Propagation delay
RL
= 27 Ω, CL = 15 pF (Figure 9 and
Figure 10)
18
30
tPDS
|tPLH - tPHL| driver
propagation delay skew
(1)
RL
= 27 Ω, CL = 15 pF (Figure 9 and
Figure 10)
2
5
tPZL
Output enable time
RL
= 110 Ω (Figure 11 and Figure 12)
19
35
tPZH
Output enable time
RL
= 110 Ω (Figure 7 and Figure 8)
30
50
tPHZ
Output disable time
RL
= 110 Ω (Figure 7 and Figure 8)
19
35
tPLZ
Output disable time
RL
= 110 Ω (Figure 11 and Figure 12)
30
50
tSKEW
Differential output delay
skew
1
3
tPSH
Driver enable from
shutdown to output high
RL
= 110 Ω (Figure 7 and Figure 8)
30
50
tPSL
Driver enable from
shutdown to output low
RL
= 110 Ω (Figure 11 and Figure 12)
19
35
Notes:
(1)Measured on |tPLH(A)-tPHL(A)| and |tPLH(B)-tPHL(B)|.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com