Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33G512M Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST33G512M
Description  M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33G512M Datasheet(HTML) 2 Page - STMicroelectronics

  ST33G512M Datasheet HTML 1Page - STMicroelectronics ST33G512M Datasheet HTML 2Page - STMicroelectronics ST33G512M Datasheet HTML 3Page - STMicroelectronics ST33G512M Datasheet HTML 4Page - STMicroelectronics ST33G512M Datasheet HTML 5Page - STMicroelectronics ST33G512M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
ST33GxxxM
2/6
DocID028876 Rev 2
1
Description
The ST33GxxxM (see Table 1) are serial access microcontrollers designed for machine-to-
machine (M2M) applications in the industrial environment. They incorporate the most recent
generation of ARM® processors for embedded secure systems. Their SecurCore®
SC300™ 32-bit RISC core is built on the Cortex® M3 core with additional security features
to help to protect against advanced forms of attacks.
Cadenced at 25 MHz, the SC300™ core brings great performance and excellent code
density thanks to the Thumb®-2 instruction set.
The high-speed embedded Flash memory introduces more flexibility to the system.
The ST33GxxxM also offers a serial communication interface fully compatible with the
ISO/IEC 7816-3 standard (T=0, T=1) and a single-wire protocol (SWP) interface for
communication with a near field communication (NFC) router in SIM/NFC applications.
An SPI Master/Slave interface is also available for communication in non-SIM applications.
Three general purpose 16-bit timers are available; one is configurable as a watchdog.
The ST33GxxxM features hardware accelerators for advanced cryptographic functions. The
EDES peripheral provides a secure DES (Data Encryption Standard) algorithm
implementation, while the NESCRYPT cryptoprocessor efficiently supports the public key
algorithm. The AES peripheral ensures secure and fast AES algorithm implementation.
The device operates in the –40 to +105 °C temperature range and 1.8 V, 3 V and 5 V supply
voltage ranges. A comprehensive range of power-saving modes enables the design of
efficient low-power applications.
The ST33GxxxM is delivered in wafer form and in ECOPACK®-compliant DFN8 packages.
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com