Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CBT7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32F303CBT7
Description  Electronic speed controller reference design for drones
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CBT7 Datasheet(HTML) 3 Page - STMicroelectronics

  STM32F303CBT7 Datasheet HTML 1Page - STMicroelectronics STM32F303CBT7 Datasheet HTML 2Page - STMicroelectronics STM32F303CBT7 Datasheet HTML 3Page - STMicroelectronics STM32F303CBT7 Datasheet HTML 4Page - STMicroelectronics STM32F303CBT7 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 3. STEVAL-ESC001V1 circuit schematic (3 of 4)
For internal comparator
OCP circuit
Vshunt_3_GND
Vshunt_2_GND
Vshunt_1_GND
External op-amp
0.5 V
3V3
3V3
3V3
3V3
3V3
3V3
3V3
3V3
Vshunt_1
Vshunt_2_filtered
Vshunt_2
Vshunt_3_filtered
Vshunt_3
Vshunt_1_filtered
VREF
V-
Vshunt_1
Curr_fdbk1
Curr_fdbk2
Vshunt_2
Curr_fdbk3
Vshunt_3
+3v3
C18
100nF
C14
100nF
R21
3.4k 1%
R22
3.4k 1%
-
+
U5
TSV991ILT
3
1
4
C26
N.M. 100pF
C19
100nF
C16
15nF 6.3V
R25
13k 1%
R20
787
R19
787
R12
680
R11
680
R17
787
R14
8060 1%
R16
8060 1%
R15
8060 1%
R10
680
R18
3.4k 1%
R24
13k 1%
R13
5.9K
C25
N.M. 100pF
-
+
U3
TSV991ILT
3
1
4
C22
680pF 10V
C21
680pF 10V
C23
100nF
-
+
U4
TSV991ILT
3
1
4
C17
15nF 6.3V
R23
13k 1%
C20
680pF 10V
C24
N.M. 100pF
C15
15nF 6.3V
R9
33K
Figure 4. STEVAL-ESC001V1 circuit schematic (4 of 4)
VBUS
POWER SECTION
SHUNT RESISTOR
AUX POWER SUPPLY
BEC 5V, 0.5A
PHASE SENSING CIRCUIT
small signal
LPS4018-333MR Coilcraft
33uH/0.5A
38Vmax
1MHz
0.5A
D
N
G
_
3
_
t
n
u
h
s
V
D
N
G
_
2
_
t
n
u
h
s
V
Vshunt_1_GND
VIN+
VBUS
Vshunt_1
Vshunt_2
Vshunt_3
+5V
VIN+
TIM1_CH2
TIM1_CH2N
TIM1_CH3
TIM1_CH3N
TIM1_CH1
TIM1_CH1N
+10V
+10V
+10V
Vshunt_2
V+
+5V
Vshunt_1
Vshunt_3
PHASE_2
PHASE_3
PHASE_1
V-
+10V
+3v3
V+
+10V
+3v3
V-
Temperature feedback
+3v3
C49
470nF X7R
D9
BAT30KFILM
R66
0.010 3W
R37
100
D11
STPS0560Z
1
2
R56
4.02k 1%
C50
1uF X7R
U9
LD1117S50 TR
Vout
2
GND
1
Vin
3
C36
27pF
D4
STPS0560Z
1
2
J6
CON1
1
R36
1
R31
300 1%
C29
10uF, 50V
+
C35
330uF,35V
C47
100pF
R27
62
R59
100
C45
10uF
TP14
TP CH3
Q1
STL160N4F7
R46
1
R33
100
TP13
TP CH2N
R67
0.010 3W
R35
56
C53
100pF
R52
33k 1%
TP11
TP CH1N
U7
L6398DTR
LIN
1
HIN
2
VCC
3
GND
4
LVG
5
OUT
6
HVG
7
BOOT
8
R65
4.7k
Q2
C40
470nF X7R
R58
1
R29
34.8k 1%
R62
169K 1%
C27
3.9nF
C37
4.7nF
R55
56
C46
1uF
R34
10k
C48
100pF
TP12
TP CH2
Q6
R30
56
C56
100nF
C42
1uF X7R
L1
33uH
C38
100pF
C41
10nF
R38
10k
J7
Motor
1
2
3
R45
100
R26
4.7k 1%
R50
100
R68
18K 1%
C51
10nF
C44
100nF
C34
100nF 100V
R61
10k
D6
BAT30KFILM
D7
BAT30KFILM
C58
10nF
R39
0
C31
1uF X7R
Q4
C39
100pF
R53
33k 1%
R57
4.02k 1%
D13
BAT30KFILM
C57
100nF
TP10
TP CH1
R44
56
Q5
C33
100nF 100V
R49
56
R54
33k 1%
R28
0
D5
SMBJ26A-TR
R42
100
R63
NTC 10K
2
1
R47
10k
U11
L6398DTR
LIN
1
HIN
2
VCC
3
GND
4
LVG
5
OUT
6
HVG
7
BOOT
8
+
C32
330uF,35V
C55
100nF
R41
0
C43
1uF
D10
BAT30KFILM
C28
220nF
D14
BAT30KFILM
R51
10k
R40
56
D12
BAT30KFILM
U8
LD39050PU33R
PG
3
EN
1
VIN
6
NC
5
VOUT
4
GND1
2
GND
7
Q3
D8
STPS0560Z
1
2
R48
0
R64
0.010 3W
C54
470nF X7R
C52
100pF
C60
4.7nF 10V
U6
L7986TR
OUT2
2
Fsw
7
GND
8
FB
6
EN
4
COMP
5
SYNC
3
VCC9
9
EP
11
VCC10
10
OUT1
1
R60
4.02k 1%
R32
8.2k
D3
STPS1L40M
J5
CON1
1
U10
L6398DTR
LIN
1
HIN
2
VCC
3
GND
4
LVG
5
OUT
6
HVG
7
BOOT
8
TP15
TP CH3N
C30
22uF 25V
C59
10nF 10V
R43
10k
OUT1
VBUS_SENS
OUT1
OUT3
OUT2
OUT3
OUT2
STL160N4F7
STL160N4F7
STL160N4F7
STL160N4F7
STL160N4F7
STEVAL-ESC001V1
Schematic diagrams
DB3230 - Rev 3
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com