Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVALSPIN3202 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVALSPIN3202
Description  STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALSPIN3202 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVALSPIN3202 Datasheet HTML 1Page - STMicroelectronics STEVALSPIN3202 Datasheet HTML 2Page - STMicroelectronics STEVALSPIN3202 Datasheet HTML 3Page - STMicroelectronics STEVALSPIN3202 Datasheet HTML 4Page - STMicroelectronics STEVALSPIN3202 Datasheet HTML 5Page - STMicroelectronics STEVALSPIN3202 Datasheet HTML 6Page - STMicroelectronics STEVALSPIN3202 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 4. STEVAL-SPIN3202 schematic (4 of 4)
TX
RX
D-
D+
STLINK FW LOAD
3V3_STLINK
3V3_STLINK
VDD
3V3_STLINK
3V3_STLINK
VUSB
3V3_STLINK
VUSB
VUSB
3V3_STLINK
VDD
UART1_TX
UART1_RX
SWD_IO
SWD_CLK
NRST
R75
4.7K
TP14
S1751-46R
C29
100NF
JUMPER2
J8
61300211121
C36
10PF
R62
100R
R71
10K
J6
1
2
3
4
C32
10NF
R65
10K
U3
LD3985M33R
GND
2
OUT
5
VIN
1
BYPASS
4
INHIBIT
3
R51
0R
J5
65100516121
USB_VCC
1
USBDM
2
USBDP
3
USB_GND
5
SHELL
6
SHELL
7
SHELL
8
ID
4
SHELL
9
R73
100R
TP16
R63
100R
R66
36K
C37
100NF
R50
0R
C34 100NF
R30
100K
R68
2.7K
U4
STM32F103CBT6
PB7
43
PB6
42
PB5
41
PB4/JNTRST
40
PB3/JTDO
39
PA0-WKUP
10
PA1
11
PA2
12
PA3
13
PA4
14
PA5
15
PA6
16
PA7
17
PA8
29
PA9
30
PA10
31
PA11
32
PA12
33
PA13
34
PB0
18
PB1
19
PB2/BOOT1
20
PB8
45
PB9
46
PB10
21
PB11
22
PB12
25
PB13
26
PB14
27
PB15
28
PC13-TAMPER-RTC
2
PC14-OSC32_IN
3
PC15-OSC32_OUT
4
VSS_1
23
OSCIN/PD0
5
NRST
7
OSCOUT/PD1
6
VSSA
8
VSS_2
35
VSS_3
47
VBAT
1
PA14
37
PA15
38
VDD_1
24
BOOT0
44
VDD_3
48
VDD_2
36
VDDA
9
R52
0R
C35
10PF
X1
8MHz
C33
100NF
JP4
OPEN
Q7
NPN
1
R69
4.7K
C31
1UF
C27
100NF
U2
USBLC6-2SC6
I/O1#1
1
GND
2
VBUS
5
I/O2#4
4
I/O1#6
6
I/O2#3
3
R74
4.7K
R67
100R
R43
0R
C26
100NF
R72
NP
C28
100NF
TP5
S1751-46R
C20
100NF
R64
1.5K
R70
100K
TP17
J7
61300211121
C30
1UF
RED-GREEN
LD1
K1
A1
K2
A2
USB_DP
USB_DM
USB_RENUM
SWDIO
STLINK_TX
STLINK_RX
T_NRST
LED_STLINK
LED_STLINK
FM_SWCLK
USB_DM
USB_RENUM
USB_DP
FM_SWDIO
T_JTCK
T_JTCK
T_JTCK
T_JTMS
T_JTMS
T_NRST



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com