Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303AGR Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM303AGR
Description  SensorTile connectable sensor node: plug or solder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 3 Page - STMicroelectronics

  LSM303AGR Datasheet HTML 1Page - STMicroelectronics LSM303AGR Datasheet HTML 2Page - STMicroelectronics LSM303AGR Datasheet HTML 3Page - STMicroelectronics LSM303AGR Datasheet HTML 4Page - STMicroelectronics LSM303AGR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2
Regulatory approvals
The SensorTile module STEVAL-STLCS01V1 is marketed under the same FCC identifier (ID: S9NSTILE01) as
the SensorTile kit (code STEVAL-STLKT01V1) as a class I permissive change. The FCC ID S9NSTILE01 is a
limited modular approval as the module does not have RF shielding. The module was tested in the specific host
with model number STEVAL-STLCX01V1, belonging to the SensorTile kit (code STEVAL-STLKT01V1). When
integrated in a custom designed host other than the STEVAL-STLCX01V1, the SensorTile module STEVAL-
STLCS01V1 must be tested and FCC certified in the custom designed host.
The SensorTile module STEVAL-STLCS01V1 is IC certified with certification number IC: 8976C-STILE01 and
model number HVIN: STEVAL-STLCS01V1. Refer to the data brief of the SensorTile kit (code STEVAL-
STLKT01V1) for complete information on PMN, FVIN and HMN. The SensorTile module is certified as a limited
module because the modular transmitter does not have RF shielding. The module was tested in a representative
host with model number STEVAL-STILECX01V1, belonging to the SensorTile kit (code STEVAL-STLKT01V1).
When the SensorTile module is integrated into a different custom designed host, the developer of the host shall
perform additional radiated emission tests and satisfy technical and labeling requirements as per RSP100 section
3.2 http://www.ic.gc.ca/eic/site/smt-gst.nsf/eng/sf01130.html for IC certification.
The Bluetooth radio power output is set by default at 0 dBm. The FCC and IC certifications refer to this operating
value. The power output can be changed up to 8 dBm by reprogramming the device firmware, but the change of
this operating value will require an update of the FCC and IC certifications, with additional radio emission tests to
be performed..
STEVAL-STLCS01V1
Regulatory approvals
DB2963 - Rev 4
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com