Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303AGR Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM303AGR
Description  SensorTile development kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 3 Page - STMicroelectronics

  LSM303AGR Datasheet HTML 1Page - STMicroelectronics LSM303AGR Datasheet HTML 2Page - STMicroelectronics LSM303AGR Datasheet HTML 3Page - STMicroelectronics LSM303AGR Datasheet HTML 4Page - STMicroelectronics LSM303AGR Datasheet HTML 5Page - STMicroelectronics LSM303AGR Datasheet HTML 6Page - STMicroelectronics LSM303AGR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
Boards included in the kit
Figure 2. STLCS01V1 board photo
STLCS01V1 SensorTile component board features
Very compact module for motion, audio, environmental sensing and Bluetooth® low energy connectivity with
a complete set of firmware examples
Mobile connectivity via the STBLESensor app, available for iOS™ and Android™
Main components:
STM32L476JG – 32-bit ultra-low-power MCU with Cortex®M4F
LSM6DSM – iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM303AGR – Ultra-compact high-performance eCompass module: ultra-low power 3D accelerometer
and 3D magnetometer
LPS22HB – MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
MP34DT05-A – 64 dB SNR digital MEMS microphone
BlueNRG-MS – Bluetooth low energy network processor
BALF-NRG-02D3 – 50 Ω balun with integrated harmonics filter
LD39115J18R – 150 mA low quiescent current low noise LDO 1.8 V
2 V - 5.5 V power supply range
External interfaces: UART, SPI, SAI (serial audio interface), I²C, DFSDM, USB OTG, ADC, GPIOs
Pluggable or solderable interface
SWD interface for debugging and programming capability
CE certified
RoHS and China RoHS compliant
WEEE compliant
FCC certified
IC certified
TYPE certified
STLCS01V1 SensorTile component board description
The STEVAL-STLCS01V1 (SensorTile) is a highly integrated reference design that can be plugged into form-
factor prototypes to add sensing and connectivity capabilities to new designs through a smart hub solution. It can
STEVAL-STLKT01V1
Boards included in the kit
DB2956 - Rev 8
page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com