Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G070RB Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32G070RB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070RB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32G070RB Datasheet HTML 42Page - STMicroelectronics STM32G070RB Datasheet HTML 43Page - STMicroelectronics STM32G070RB Datasheet HTML 44Page - STMicroelectronics STM32G070RB Datasheet HTML 45Page - STMicroelectronics STM32G070RB Datasheet HTML 46Page - STMicroelectronics STM32G070RB Datasheet HTML 47Page - STMicroelectronics STM32G070RB Datasheet HTML 48Page - STMicroelectronics STM32G070RB Datasheet HTML 49Page - STMicroelectronics STM32G070RB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
Electrical characteristics
STM32G070CB/KB/RB
46/93
DS12766 Rev 2
Table 24. Current consumption in Run and Low-power run modes
at different die temperatures
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
fHCLK
Fetch
from(2)
25°C 85°C 25°C 85°C
IDD(Run)
Supply
current in Run
mode
Range 1;
PLL enabled;
fHCLK = fHSI bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
64 MHz
Flash
memory
6.9
7.0
8.0
8.4
mA
56 MHz
6.1
6.3
7.1
7.6
48 MHz
5.5
5.6
6.2
6.8
32 MHz
3.9
4.0
4.8
5.2
24 MHz
3.1
3.2
3.7
4.3
16 MHz
2.0
2.1
2.5
3.0
64 MHz
SRAM
6.6
6.8
7.6
7.9
56 MHz
5.8
6.1
6.7
7.0
48 MHz
5.2
5.3
6.0
6.2
32 MHz
3.6
3.7
4.2
4.6
24 MHz
2.9
3.0
3.4
3.7
16 MHz
1.9
1.9
2.3
2.5
Range 2;
PLL enabled;
fHCLK = fHSI bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
16 MHz
Flash
memory
1.5
1.7
2.0
2.4
8 MHz
0.9
1.0
1.4
1.6
2 MHz
0.3
0.3
0.6
1.0
16 MHz
SRAM
1.5
1.5
1.9
2.2
8 MHz
0.8
0.9
1.3
1.4
4 MHz
0.4
0.6
0.8
1.1
2 MHz
0.3
0.3
0.6
1.0
IDD(LPRun)
Supply
current in
Low-power
run mode
PLL disabled;
fHCLK = fHSE bypass
(> 32 kHz),
fHCLK = fLSE bypass
(= 32 kHz);
(3)
2 MHz
Flash
memory
242
281
636
954
µA
1 MHz
116
171
606
924
500 kHz
74
116
558
840
125 kHz
29
73
540
624
32 kHz
19
62
450
570
2 MHz
SRAM
219
254
582
840
1 MHz
105
154
516
792
500 kHz
67
105
438
750
125 kHz
26
65
402
528
32 kHz
17
61
390
426
1. Based on characterization results, not tested in production.
2. Prefetch and cache enabled when fetching from Flash
3. VDD = 3.0 V for values in Typ columns and 3.6 V for values in Max columns, all peripherals disabled, cache enabled,
prefetch disabled for code and data fetch from Flash and enabled from SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com