Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 147Page - STMicroelectronics STM32H750VB Datasheet HTML 148Page - STMicroelectronics STM32H750VB Datasheet HTML 149Page - STMicroelectronics STM32H750VB Datasheet HTML 150Page - STMicroelectronics STM32H750VB Datasheet HTML 151Page - STMicroelectronics STM32H750VB Datasheet HTML 152Page - STMicroelectronics STM32H750VB Datasheet HTML 153Page - STMicroelectronics STM32H750VB Datasheet HTML 154Page - STMicroelectronics STM32H750VB Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 335 page
background image
DS12556 Rev 5
151/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Electrical characteristics (rev Y)
311
NAND controller waveforms and timings
Figure 28 through Figure 31 represent synchronous waveforms, and Table 76 and Table 77
provide the corresponding timings. The results shown in this table are obtained with the
following FMC configuration:
COM.FMC_SetupTime = 0x01
COM.FMC_WaitSetupTime = 0x03
COM.FMC_HoldSetupTime = 0x02
COM.FMC_HiZSetupTime = 0x01
ATT.FMC_SetupTime = 0x01
ATT.FMC_WaitSetupTime = 0x03
ATT.FMC_HoldSetupTime = 0x02
ATT.FMC_HiZSetupTime = 0x01
Bank = FMC_Bank_NAND
MemoryDataWidth = FMC_MemoryDataWidth_16b
ECC = FMC_ECC_Enable
ECCPageSize = FMC_ECCPageSize_512Bytes
TCLRSetupTime = 0
TARSetupTime = 0
CL = 30 pF
In all timing tables, the Tfmc_ker_ck is the fmc_ker_ck clock period.
Figure 28. NAND controller waveforms for read access
FMC_NWE
FMC_NOE (NRE)
FMC_D[15:0]
tsu(D-NOE)
th(NOE-D)
MS32767V1
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NOE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com