Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 14Page - STMicroelectronics STM32H750VB Datasheet HTML 15Page - STMicroelectronics STM32H750VB Datasheet HTML 16Page - STMicroelectronics STM32H750VB Datasheet HTML 17Page - STMicroelectronics STM32H750VB Datasheet HTML 18Page - STMicroelectronics STM32H750VB Datasheet HTML 19Page - STMicroelectronics STM32H750VB Datasheet HTML 20Page - STMicroelectronics STM32H750VB Datasheet HTML 21Page - STMicroelectronics STM32H750VB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 335 page
background image
Description
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
18/334
DS12556 Rev 5
STM32H750xB devices operate in the –40 to +85 °C temperature range from a 1.62 to
3.6 V power supply. The supply voltage can drop down to 1.62 V by using an external power
supervisor (see Section 3.5.2: Power supply supervisor) and connecting the PDR_ON pin to
VSS. Otherwise the supply voltage must stay above 1.71 V with the embedded power
voltage detector enabled.
Dedicated supply inputs for USB (OTG_FS and OTG_HS) are available on all packages
except LQFP100 to allow a greater power supply choice.
A comprehensive set of power-saving modes allows the design of low-power applications.
STM32H750xB devices are offered in 3 packages ranging from 100 pins to 240 pins/balls.
The set of included peripherals changes with the device chosen.
These features make STM32H750xB microcontrollers suitable for a wide range of
applications:
Motor drive and application control
Medical equipment
Industrial applications: PLC, inverters, circuit breakers
Printers, and scanners
Alarm systems, video intercom, and HVAC
Home audio appliances
Mobile applications, Internet of Things
Wearable devices: smart watches.
Figure 1 shows the device block diagram.
Table 1. STM32H750xB features and peripheral counts
Peripherals
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Flash memory in Kbytes
128
SRAM in Kbytes
SRAM mapped onto AXI
bus
512
SRAM1 (D2 domain)
128
SRAM2 (D2 domain)
128
SRAM3 (D2 domain)
32
SRAM4 (D3 domain)
64
TCM RAM in
Kbytes
ITCM RAM (instruction)
64
DTCM RAM (data)
128
Backup SRAM (Kbytes)
4
FMC
Yes
General-purpose input/outputs
82
114
140
168
Quad-SPI interface
Yes
Ethernet
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com