Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 155Page - STMicroelectronics STM32H750VB Datasheet HTML 156Page - STMicroelectronics STM32H750VB Datasheet HTML 157Page - STMicroelectronics STM32H750VB Datasheet HTML 158Page - STMicroelectronics STM32H750VB Datasheet HTML 159Page - STMicroelectronics STM32H750VB Datasheet HTML 160Page - STMicroelectronics STM32H750VB Datasheet HTML 161Page - STMicroelectronics STM32H750VB Datasheet HTML 162Page - STMicroelectronics STM32H750VB Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 335 page
background image
DS12556 Rev 5
159/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Electrical characteristics (rev Y)
311
6.3.19
Delay block (DLYB) characteristics
Unless otherwise specified, the parameters given in Table 85 for the delay block are derived
from tests performed under the ambient temperature, frcc_c_ck frequency and VDD supply
voltage summarized in Table 22: General operating conditions.
6.3.20
16-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 85 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 22: General operating conditions.
Table 84. Dynamics characteristics: Delay Block characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
-
1400
2200
2400
ps
t∆
Unit Delay
-
35
40
45
Table 85. ADC characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog power supply
-
1.62
-
3.6
V
VREF+
Positive reference voltage
VDDA ≥ 2 V
2
-
VDDA
VDDA< 2 V
VDDA
VREF-
Negative reference voltage
-
VSSA
fADC
ADC clock frequency
2 V≤VDDA≤3.3 V
BOOST = 1
-
-
36
MHz
BOOST = 0
-
-
20
fS
Sampling rate for Fast
channels, BOOST = 1,
fADC = 36 MHz(2)
16-bit resolution
-
-
3.60(2)
MSPS
14-bit resolution
-
-
4.00(2)
12-bit resolution
-
-
4.50(2)
10-bit resolution
-
-
5.00(2)
8-bit resolution
6.00(2)
Sampling rate for Fast
channels, BOOST = 0,
fADC = 20 MHz
16-bit resolution
-
-
2.00(2)
14-bit resolution
-
-
2.20(2)
12-bit resolution
-
-
2.50(2)
10-bit resolution
-
-
2.80(2)
8-bit resolution
3.30(2)
Sampling rate for Slow
channels, BOOST = 0,
fADC = 10 MHz
16-bit resolution
-
-
1.00
14-bit resolution
-
-
1.00
12-bit resolution
-
-
1.00
10-bit resolution
-
-
1.00
8-bit resolution
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com