Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 266 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 266 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 262Page - STMicroelectronics STM32H750VB Datasheet HTML 263Page - STMicroelectronics STM32H750VB Datasheet HTML 264Page - STMicroelectronics STM32H750VB Datasheet HTML 265Page - STMicroelectronics STM32H750VB Datasheet HTML 266Page - STMicroelectronics STM32H750VB Datasheet HTML 267Page - STMicroelectronics STM32H750VB Datasheet HTML 268Page - STMicroelectronics STM32H750VB Datasheet HTML 269Page - STMicroelectronics STM32H750VB Datasheet HTML 270Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 335 page
background image
Electrical characteristics (rev V)
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
266/334
DS12556 Rev 5
The following table summarizes the parameters measured in DDR mode.
tw(CKH)
QUADSPI clock high
and low time Even
division
PRESCALER[7:0] =
n = 0,1,3,5...
TCK/2–0.5
-
TCK/2
ns
tw(CKL)
TCK/2
-
TCK/2+0.5
tw(CKH)
QUADSPI clock high
and low time Odd
division
PRESCALER[7:0] =
n = 2,4,6,8...
(n/2)*TCK/(n+1)-0.5
-
(n/2)*TCK/ (n+1)
tw(CKL)
(n/2+1)*TCK/(n+1)
-
(n/2+1)*TCK/
(n+1)+0.5
ts(IN)
Data input setup time
-
1-
-
th(IN)
Data input hold time
3.5
-
-
tv(OUT)
Data output valid time
-
-
1
2
th(OUT)
Data output hold time
-
0
-
-
1. Guaranteed by characterization results.
Table 179. QUADSPI characteristics in SDR mode(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 180. QUADSPI characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fck11/TCK
QUADSPI clock frequency
2.7<VDD<3.6 V
CL = 20 pF
--
100
MHz
1.62<VDD<3.6 V
CL = 15 pF
--
100
tw(CKH)
QUADSPI clock high and
low time Even division
PRESCALER[7:0] =
n = 0,1,3,5...
TCK/2–0.5
-
TCK/2
ns
tw(CKL)
TCK/2
-
TCK/2+0.5
tw(CKH)
QUADSPI clock high and
low time Odd division
PRESCALER[7:0] =
n = 2,4,6,8...
(n/2)*TCK/
(n+1)-0.5
-
(n/2)*TCK/
(n+1)
tw(CKL)
(n/2+1)*TCK/
(n+1)
-
(n/2+1)*TCK /
(n+1)+0.5
tsr(IN), tsf(IN)
Data input setup time
-
1.5
-
-
thr(IN),thf(IN)
Data input hold time
-
3.5
-
-
tvr(OUT),
tvf(OUT)
Data output valid time
DHHC=0
-
5
6
DHHC=1
PRESCALER[7:0] =
1,2…
-TCK/4+1
TCK/4+2
thr(OUT),
thf(OUT)
Data output hold time
DHHC=0
3
-
-
DHHC=1
PRESCALER[7:0]=1
,2…
TCK/4
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com