Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 278 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 278 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 274Page - STMicroelectronics STM32H750VB Datasheet HTML 275Page - STMicroelectronics STM32H750VB Datasheet HTML 276Page - STMicroelectronics STM32H750VB Datasheet HTML 277Page - STMicroelectronics STM32H750VB Datasheet HTML 278Page - STMicroelectronics STM32H750VB Datasheet HTML 279Page - STMicroelectronics STM32H750VB Datasheet HTML 280Page - STMicroelectronics STM32H750VB Datasheet HTML 281Page - STMicroelectronics STM32H750VB Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 335 page
background image
Electrical characteristics (rev V)
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
278/334
DS12556 Rev 5
2. TBD stands for “to be defined”.
3. In buffered mode, the output can overshoot above the final value for low input code (starting from the minimum value).
4. TON is the refresh phase duration, while TOFF is the hold phase duration. Refer to the product reference manual for more
details.
Table 186. DAC accuracy(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential non
linearity(2)
DAC output buffer ON
−2
-
2
LSB
DAC output buffer OFF
−2
-
2
-
Monotonicity
10 bits
-
-
-
-
INL
Integral non linearity(3)
DAC output buffer ON, CL≤50 pF,
RL ≥ 5 ?
−4
-
4
LSB
DAC output buffer OFF,
CL ≤ 50 pF, no RL
−4
-
4
Offset
Offset error at code
0x800 (3)
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 ?
VREF+ = 3.6 V
-
-
±15
LSB
VREF+ = 1.8 V
-
-
±30
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±8
Offset1
Offset error at code
0x001(4)
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±5
LSB
OffsetCal
Offset error at code
0x800 after factory
calibration
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 ?
VREF+ = 3.6 V
-
-
±6
LSB
VREF+ = 1.8 V
-
-
±7
Gain
Gain error(5)
DAC output buffer ON,CL≤50 pF,
RL ≥ 5 ?
--
±1
%
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±1
SNR
Signal-to-noise ratio(6)
DAC output buffer ON,CL ≤ 50 pF,
RL ≥ 5 ? , 1 kHz, BW = 500 KHz
-
67.8
-
dB
DAC output buffer OFF,
CL ≤ 50 pF, no RL,1 kHz, BW =
500 KHz
-
67.8
-
THD
Total harmonic
distortion(6)
DAC output buffer ON, CL≤50 pF,
RL ≥ 5 ? , 1 kHz
-−78.6
-
dB
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-−78.6
-
SINAD
Signal-to-noise and
distortion ratio(6)
DAC output buffer ON, CL≤50 pF,
RL ≥ 5 ? , 1 kHz
-
67.5
-
dB
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
67.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com