Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 307 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 307 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 303Page - STMicroelectronics STM32H750VB Datasheet HTML 304Page - STMicroelectronics STM32H750VB Datasheet HTML 305Page - STMicroelectronics STM32H750VB Datasheet HTML 306Page - STMicroelectronics STM32H750VB Datasheet HTML 307Page - STMicroelectronics STM32H750VB Datasheet HTML 308Page - STMicroelectronics STM32H750VB Datasheet HTML 309Page - STMicroelectronics STM32H750VB Datasheet HTML 310Page - STMicroelectronics STM32H750VB Datasheet HTML 311Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 335 page
background image
DS12556 Rev 5
307/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Electrical characteristics (rev V)
311
USB OTG_HS characteristics
Unless otherwise specified, the parameters given in Table 209 for ULPI are derived from
tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
summarized in Table 120: General operating conditions, with the following configuration:
Output speed is set to OSPEEDRy[1:0] = 11
Capacitive load CL=20 pF
Measurement points are done at CMOS levels: 0.5VDD
IO Compensation cell activated.
VOS level set to VOS1
Refer to Section 7.3.15: I/O port characteristics for more details on the input/output
characteristics.
Figure 110. ULPI timing diagram
Table 209. Dynamics characteristics: USB ULPI(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tSC
Control in (ULPI_DIR , ULPI_NXT) setup
time
-2.5
-
-
ns
tHC
Control in (ULPI_DIR, ULPI_NXT) hold
time
-2
-
-
tSD
Data in setup time
-
2.5
-
-
tHD
Data in hold time
-
0
-
-
tDC/tDD
Control/Datal output delay
2.7<VDD<3.6 V
CL=20 pF
-9
9.5
1.71<VDD<3.6 V
CL=15 pF
-9
14
Clock
Control In
(ULPI_DIR,
ULPI_NXT)
data In
(8-bit)
Control out
(ULPI_STP)
data out
(8-bit)
tDD
tDC
tHD
tSD
tHC
tSC
ai17361c
tDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com