Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-J100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSAFE-J100
Description  Flexible programmable secure solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-J100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSAFE-J100 Datasheet HTML 2Page - STMicroelectronics STSAFE-J100 Datasheet HTML 3Page - STMicroelectronics STSAFE-J100 Datasheet HTML 4Page - STMicroelectronics STSAFE-J100 Datasheet HTML 5Page - STMicroelectronics STSAFE-J100 Datasheet HTML 6Page - STMicroelectronics STSAFE-J100 Datasheet HTML 7Page - STMicroelectronics STSAFE-J100 Datasheet HTML 8Page - STMicroelectronics STSAFE-J100 Datasheet HTML 9Page - STMicroelectronics STSAFE-J100 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DB3055 Rev 3
7/10
STSAFE-J100
Package information
9
Table 2. VFQFPN32 5×5 mm package mechanical data
Symbol
millimeters
inches (1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
-
0.200
-
-
0.0079
-
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
D
4.850
5.000
5.150
0.1909
0.1969
0.2028
D2
3.500
3.600
3.700
0.1378
0.1417
0.1457
E
4.850
5.000
5.150
0.1909
0.1969
0.2028
E2
3.500
3.600
3.700
0.1378
0.1417
0.1457
e
-
0.500
-
-
0.0197
-
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd
0.050
0.0020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com