Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM124AE Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM124AE
Description  Low Power Quad Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124AE Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM124AE Datasheet HTML 4Page - National Semiconductor (TI) LM124AE Datasheet HTML 5Page - National Semiconductor (TI) LM124AE Datasheet HTML 6Page - National Semiconductor (TI) LM124AE Datasheet HTML 7Page - National Semiconductor (TI) LM124AE Datasheet HTML 8Page - National Semiconductor (TI) LM124AE Datasheet HTML 9Page - National Semiconductor (TI) LM124AE Datasheet HTML 10Page - National Semiconductor (TI) LM124AE Datasheet HTML 11Page - National Semiconductor (TI) LM124AE Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LM124A RAD HARD DC Electrical Characteristics (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device
ground.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset Voltage
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-2
2
mV
1
-4
4
mV
2, 3
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
-2
2
mV
1
-4
4
mV
2, 3
Vcc+ = 5V, Vcc- = Gnd,
Vcm = -1.4V
-2
2
mV
1
-4
4
mV
2, 3
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
-2
2
mV
1
-4
4
mV
2, 3
Iio
Input Offset Current
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-10
10
nA
1, 2
-30
30
nA
3
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
-10
10
nA
1, 2
-30
30
nA
3
Vcc+ = 5V, Vcc- = Gnd,
Vcm = -1.4V
-10
10
nA
1, 2
-30
30
nA
3
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
-10
10
nA
1, 2
-30
30
nA
3
±Iib
Input Bias Current
Vcc+ = 30V, Vcc- = Gnd,
Vcm = -15V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
Vcc+ = 2V, Vcc- = -28V,
Vcm = 13V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
Vcc+ = 5V, Vcc- = Gnd,
Vcm = -1.4V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
Vcc+ = 2.5V, Vcc- = -2.5,
Vcm = 1.1V
-50
+0.1
nA
1, 2
-100
+0.1
nA
3
+PSRR
Power Supply
Rejection Ratio
Vcc- = Gnd, Vcm = -1.4V,
5V
≤ Vcc ≤ 30V
-100
100
uV/V
1, 2, 3
CMRR
Common Mode
Rejection Ratio
76
dB
1, 2, 3
Ios+
Output Short Circiut
Current
Vcc+ = 30V, Vcc- = Gnd,
Vo = 25V
-70
mA
1, 2,3
Icc
Power Supply Current Vcc+ = 30V, Vcc- = Gnd
3
mA
1, 2
4mA
3
Delta Vio/
Delta T
Input Offset Voltage
Temperature
Sensitivity
+25˚C
≤ TA ≤ +125˚C,
+Vcc = 5V, -Vcc = 0V,
Vcm = -1.4V
(Note 9)
-30
30
uV/ ˚C
2
-55˚C
≤ TA ≤ +25˚C, +Vcc = 5V,
-Vcc = 0V, Vcm = -1.4V
(Note 9)
-30
30
uV/ ˚C
3
Delta Iio/
Delta T
Input Offset Current
Temperature
Sensitivity
+25˚C
≤ TA ≤ +125˚C,
+Vcc = 5V, -Vcc = 0V,
Vcm = -1.4V
(Note 9)
-400
400
pA/˚ C
2
-55˚C
≤ TA ≤ +25˚C, +Vcc = 5V,
-Vcc = 0V, Vcm = -1.4V
(Note 9)
-700
700
pA/ ˚C
3
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com