Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CERTUS Datasheet(PDF) 9 Page - Carlo Gavazzi Holding AG

Part # CERTUS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CERTUS Datasheet(HTML) 9 Page - Carlo Gavazzi Holding AG

Back Button CERTUS Datasheet HTML 4Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 5Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 6Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 7Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 8Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 9Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 10Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 11Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 12Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CERTUS
Configurable Safety Module
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
9
Technical Data Concerning Safety
C PSS
CES1
CES2
Device lifetime
20 years
Safety level
SIL 3 - PLe - Category 4
PFHd
5,98E-09
7,08E-09 (TTL)
8,18E-09 (TTL)
7,93E-09 (SIN/COS)
9,89E-09 (SIN/COS)
6,70E-09 (HTL)
7,42E-09 (HTL)
MTTFd
500,33
337,72 (TTL)
254,88 (TTL)
269,49 (SIN/COS)
184,41 (SIN/COS)
380,05 (HTL)
306,40 (HTL)
DCavg
99,0%
C PSS
CES1
CES2
Rated voltage
-
Power dissaption max
3W
Encoderinterface
TTL (MV1T - MV2T models)
HTL (MV1H - MV2H models
Encoderinputsignals
electrically
insulated in accordance
with
Rated insulation voltage 250V
Overvoltage category II
Rated impulsewithstand voltage 4.00kv
Max number of axes
2
Max number of encoders
0
1
2
maxencoderfrequency
-
500KHz (HTL: 300KHz)
Encoderconnections
-
RJ45 connector
Max number of proximity
2
Maxproximityfrequency
5KHz
Proximity connections
Terminal blocks
Proximity type
PNP/NPN -3/4 wires
CMM connections
Via MSC Bus
Operating temperature
-10 ÷ 55°C
Storage temperaature
-20 ÷ 85°C
Relative humidity max
95%
Dimensions(HxLxP)
108 x 22,5 x 114,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com