Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADALM-PLUTO Datasheet(PDF) 2 Page - Analog Devices

Part # ADALM-PLUTO
Description  SDR Active Learning Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADALM-PLUTO Datasheet(HTML) 2 Page - Analog Devices

  ADALM-PLUTO Datasheet HTML 1Page - Analog Devices ADALM-PLUTO Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Analog Devices, Inc.
Worldwide Headquarters
Analog Devices, Inc.
One Technology Way
P.O. Box 9106
Norwood, MA 02062-9106
U.S.A.
Tel: 781.329.4700
(800.262.5643, U.S.A. only)
Fax: 781.461.3113
Analog Devices, Inc.
Europe Headquarters
Analog Devices GmbH
Otl-Aicher-Str. 60-64
80807 München
Germany
Tel: 49.89.76903.0
Fax: 49.89.76903.157
Analog Devices, Inc.
Japan Headquarters
Analog Devices, KK
New Pier Takeshiba
South Tower Building
1-16-1 Kaigan, Minato-ku,
Tokyo, 105-6891
Japan
Tel: 813.5402.8200
Fax: 813.5402.1064
Analog Devices, Inc.
Asia Pacific Headquarters
Analog Devices
5F, Sandhill Plaza
2290 Zuchongzhi Road
Zhangjiang Hi-Tech Park
Pudong New District
Shanghai, China 201203
Tel: 86.21.2320.8000
Fax: 86.21.2320.8222
©2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
Ahead of What’s Possible is a trademark of Analog Devices.
BR15418-.1-2/17
analog.com
Micron DDR3L
MT41K256M16
Simplified Block Diagram
Micron QSPI Flash
MT25QU256ABA
Analog Devices Power
Xilinx® Zynq®-7000
All Programmable SoC
XC7Z010-1CLG225C4334
USB 2.0
PHY
Host
Rx
Tx
Analog Devices
AD936x
RF Agile
Transceiver
Specifications
Typical
Power
DC Input (USB)
4.5 V to 5.5 V
Conversion Performance and Clocks
ADC and DAC Sample Rate
65.2 kSPS to 61.44 MSPS
ADC and DAC Resolution
12 bits
Frequency Accuracy
±25 ppm
RF Performance
Tuning Range
325 MHz to 3800 MHz
Tx Power Output
7 dBm
Rx Noise Figure
<3.5 dB
Rx and Tx Modulation Accuracy (EVM)
–34 dB (2%)
RF Shielding
None
Digital
USB
2.0 On-the-Go
Core
Single ARM Cortex®-A9 @ 667 MHz
FPGA Logic Cells
28k
DSP Slices
80
DDR3L
4 Gb (512 MB)
QSPI Flash
256 Mb (32 MB)
Physical
Dimensions
117 mm × 79 mm × 24 mm
4.62" × 3.11" × 0.95"
Weight
114 g
Temperature
10°C to 40°C
PlutoSDR Host Interface
The PlutoSDR supports the following USB device classes:
X
Mass storage (for easy firmware updates)
X
Serial (for interacting with the Linux kernel/userspace on PlutoSDR)
X
Networking/RNDIS (for loading and controlling custom ARM®applications)
X
Libiio (bulk USB for SDR data transfer and control)
X
Device firmware upgrade (for backup firmware upgrades)
Open Source
The PlutoSDR open source firmware is built from Das U-Boot, the Linux
kernel, and Buildroot. As part of the class materials, the firmware
is able to be run, copied, distributed, studied, changed, and improved
with Vivado® HL WebPACK™ Edition (license free). Supporting USB 2.0
On-the-Go, the PlutoSDR can attach to a variety of USB peripherals (wired
networking, Wi-Fi dongles, audio, etc.), which extends functionality. All
documentation is open and available at wiki.analog.com/plutosdr.
University and Active Learning Program
ADI’s many learning activities provide faculty and students with the
opportunity to further develop the theory, understanding, and practice to
interpret the world around them by intelligently bridging the physical and
digital realms with unmatched ADI technologies that sense, measure, and
connect. From select sponsored faculty research to samples program,
ADI provides faculty and student access to ADI products, information,
teaching materials, and mentoring for use in research, thesis, and
undergraduate projects. ADI offers co-ops and internships, and hires
many new college graduates worldwide. More information can be found
at analog.com/university.
EngineerZone® Online Support Community
Engage with the PlutoSDR developers in the virtual classroom,
as well as ADI’s technology experts in our online support community.
Visit ez.analog.com/community/university-program



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com