Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADALM2000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADALM2000
Description  ADALM2000 ACTIVE LEARNING MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADALM2000 Datasheet(HTML) 2 Page - Analog Devices

  ADALM2000 Datasheet HTML 1Page - Analog Devices ADALM2000 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Analog Devices, Inc.
Worldwide Headquarters
Analog Devices, Inc.
One Technology Way
P.O. Box 9106
Norwood, MA 02062-9106
U.S.A.
Tel: 781.329.4700
(800.262.5643, U.S.A. only)
Fax: 781.461.3113
Analog Devices, Inc.
Europe Headquarters
Analog Devices GmbH
Otl-Aicher-Str. 60-64
80807 München
Germany
Tel: 49.89.76903.0
Fax: 49.89.76903.157
Analog Devices, Inc.
Japan Headquarters
Analog Devices, KK
New Pier Takeshiba
South Tower Building
1-16-1 Kaigan, Minato-ku,
Tokyo, 105-6891
Japan
Tel: 813.5402.8200
Fax: 813.5402.1064
Analog Devices, Inc.
Asia Pacific Headquarters
Analog Devices
5F, Sandhill Plaza
2290 Zuchongzhi Road
Zhangjiang Hi-Tech Park
Pudong New District
Shanghai, China 201203
Tel: 86.21.2320.8000
Fax: 86.21.2320.8222
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
Ahead of What’s Possible is a trademark of Analog Devices.
PH20216-.2-5/18
analog.com
Measure
50 mA
Source
Source
VOUT
VOUT
VIN
VIN
−5 V to 0 V
GND
0 V to 5 V
V
V
±5 V, 50
Ω, 12-Bit,
150 MSPS DAC
with 30 MHz BW
±25 V, 1 M
Ω || 30 pF,
12-Bit, 100 MSPS
ADC with
25 MHz BW
EngineerZone® Online Support Community
Engage with the Scopy and ADALM2000 developers in the virtual
classroom, as well as ADI’s technology experts in our online
support community.
Visit ez.analog.com/community/university-program
Connecting Theory with Practice
The ADALM2000 works as a portable lab that, when used with a host PC, can
augment classroom learning. Analog Devices’ Scopy software package
supports the ADALM2000 and provides an intuitive graphical user interface
(GUI) so students can learn faster, work smarter, and explore more. Built on
open-source technology, Scopy can be examined and extended by anyone.
Made for Teachers, Students, and Self-Learners
The ADALM2000 was designed for university students and self-learners
interested in more advanced circuit and electronics classes. Teachers can
leverage a catalog of lessons and labs for the ADALM2000 to create and
support their own coursework.
Features
X
USB 2.0 device and OTG (LAN and Wi-Fi supported)
X
Two general-purpose analog inputs:
•
Differential, ±25 V, 1 M
Ω || 30 pF, 12-bit, 100 MSPS ADC
with 25 MHz bandwidth
X
Two general-purpose analog outputs:
•
Single-ended, ±5 V, 50
Ω, 12-bit, 150 MSPS DAC with
30 MHz bandwidth
X
Two variable power supplies
•
0 V to 5 V, –5 V to 0 V, 50 mA
X
16 digital input or output pins
•
3.3 V, 1.8 V, 100 MSPS, 5 V tolerant
X
Two digital triggers
•
3.3 V or 1.8 V, 100 MSPS, 5 V tolerant
X
Scopy uses the above features to create:
•
Voltmeters
•
Digital oscilloscopes
•
Spectrum analyzers
•
Power supplies
•
Function generators
•
Arbitrary waveform generators
•
2-port network analyzers
•
Digital logic analyzers with bus analyzers
•
Digital pattern generators
•
Digital static inputs/outputs
Scopy GUI.
ADALM2000 module.
ADALP2000.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com