Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ARD Datasheet(PDF) 14 Page - Analog Devices

Part # ADM7151ARD
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARD Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM7151ARD Datasheet HTML 10Page - Analog Devices ADM7151ARD Datasheet HTML 11Page - Analog Devices ADM7151ARD Datasheet HTML 12Page - Analog Devices ADM7151ARD Datasheet HTML 13Page - Analog Devices ADM7151ARD Datasheet HTML 14Page - Analog Devices ADM7151ARD Datasheet HTML 15Page - Analog Devices ADM7151ARD Datasheet HTML 16Page - Analog Devices ADM7151ARD Datasheet HTML 17Page - Analog Devices ADM7151ARD Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 14 of 24
THEORY OF OPERATION
The ADM7155 is an ultralow noise, high power supply rejection
ratio (PSRR) linear regulator targeting radio frequency (RF)
applications. The input voltage range is 2.3 V to 5.5 V, and it can
deliver up to 600 mA of load current. Typical shutdown current
consumption is 0.2 μA at room temperature.
Optimized for use with 10 μF ceramic capacitors, the ADM7155
provides excellent transient performance.
VREG
GND
VOUT
VIN
EN
REF
REF_SENSE
1.2V REFERENCE
SHUTDOWN
ACTIVE RIPPLE
FILTER
CURRENT-LIMIT,
THERMAL
PROTECT
OTA
BYP
ADM7155-03 VREG = 3.2V
ADM7155-04 VREG = 3.6V
ADM7155-01 VREG = 2.1V
ADM7155-02 VREG = 2.6V
Figure 42. Simplified Internal Block Diagram
Internally, the ADM7155 consists of a reference, an error
amplifier, and a P-channel MOSFET pass transistor. Output
current is delivered via the PMOS pass device, which is
controlled by the error amplifier. The error amplifier compares
the reference voltage with the feedback voltage from the output
and amplifies the difference. If the feedback voltage is lower
than the reference voltage, the gate of the PMOS device is
pulled lower, allowing more current to pass and increasing the
output voltage. If the feedback voltage is higher than the
reference voltage, the gate of the PMOS device is pulled higher,
allowing less current to pass and decreasing the output voltage.
By heavily filtering the reference voltage, the ADM7155 is able
to achieve 1.5 nV/√Hz output typical from 10 kHz to 1 MHz.
Because the error amplifier is always in unity gain, the output
noise is independent of the output voltage.
To maintain very high PSRR over a wide frequency range, the
ADM7155 architecture uses an internal active ripple filter. This
stage isolates the low output noise LDO from noise on the VIN
pin. The result is that the PSRR of the ADM7155 is significantly
higher over a wider frequency range than any single stage LDO.
The ADM7155 output voltage can be adjusted between 1.2 V
and 3.4 V and is available in four models that optimize the
input voltage and output voltage ranges to keep power
dissipation as low as possible without compromising PSRR
performance. The output voltage is determined by an external
voltage divider according to the following equation:
VOUT = 1.2 V × (1 + R1/R2)
VOUT
REF
REF_SENSE
GND
VIN
EN
BYP
VREG
VBYP
VREG
ADM7155-04
CREG
10µF
CBYP
1µF
CREF
1µF
VOUT = 1.2V × (1 + R1/R2)
1kΩ < R2 < 200kΩ
CIN
10µF
COUT
10µF
OFF
ON
VIN = 4.0V
VOUT = 3.3V
R1
R2
Figure 43. Typical Adjustable Output Voltage Application Schematic
The R2 value must be greater than 1 kΩ to prevent excessive
loading of the reference voltage appearing on the REF pin. To
minimize errors in the output voltage caused by the REF_SENSE
pin input current, the R2 value must be less than 200 kΩ. For
example, when R1 and R2 each equal 200 kΩ, the output
voltage is 2.4 V. The output voltage error introduced by the
REF_SENSE pin input current is 10 mV or 0.33%, assuming a
maximum REF_SENSE pin input current of 100 nA at TJ =
125°C.
The ADM7155 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. When EN is high,
VOUT turns on, and when EN is low, VOUT turns off. For
automatic startup, tie EN to VIN.
VREG
VIN
REF_SENSE
REF
VOUT
BYP
GND
EN
7V
4V
4V
4V
4V
4V
4V
4V
4V
7V
7V
Figure 44. Simplified ESD Protection Block Diagram
The ESD protection devices are shown in the block diagram as
Zener diodes (see Figure 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com