Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-2SD1-R10 Datasheet(PDF) 1 Page - IEI Integration Corp.

Part # PE-2SD1-R10
Description  2-slot backplane with one PCIe slot
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IEI [IEI Integration Corp.]
Direct Link  https://www.ieiworld.com/
Logo IEI - IEI Integration Corp.

PE-2SD1-R10 Datasheet(HTML) 1 Page - IEI Integration Corp.

  PE-2SD1-R10 Datasheet HTML 1Page - IEI Integration Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Computer > Single Board Computer > Backplane
PE-2SD1
2-slot backplane with one PCIe slot
Features
» 4 x Internal USB 2.0
» 1 x PCIe x16
» 24+4 pin ATX
Specifications
I/O Interface
I/O Interface
4 x Internal USB 2.0
Expansion
1 x PCIe x16
Power
Power Supply
24+4 pin ATX
Ordering Information
RACK-1150GB-PE-R11
1U 2-slot full size rackmount chassis for PICMG 1.3 backplane,Black,W/O PSU,RoHS
PE-2SD1-R10
2-slots Backplane with 1 PCIE Bus,RoHS


Similar Part No. - PE-2SD1-R10

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
PE-2004 VECOW-PE-2004 Datasheet
281Kb / 1P
Intel I210 PCI Express PoE Expansion Card, PCI Express x4, 4 GigE LAN, IEEE 802.3at compliant
logo
Brainboxes Limited
PE-205 BRAINBOXE-PE-205 Datasheet
1Mb / 10P
Pure Embedded 10/100/1000 5 Port Industrial Ethernet Switch
2025-01-29 V1.0
logo
Entegris, Inc
PE-20K-3 ENTEGRIS-PE-20K-3 Datasheet
221Kb / 5P
PrimeLock® Elbow Union
PE-20K12K-3 ENTEGRIS-PE-20K12K-3 Datasheet
221Kb / 5P
PrimeLock® Elbow Union
PE-20K16K-3 ENTEGRIS-PE-20K16K-3 Datasheet
221Kb / 5P
PrimeLock® Elbow Union
More results

Similar Description - PE-2SD1-R10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
logo
Advantech Co., Ltd.
PCA-6104P4 ADVANTECH-PCA-6104P4 Datasheet
110Kb / 1P
4-slot PCI Passive Backplane 5-slot PCI Passive Backplane
20-Mar-2006
SYS-1U1320-4A01 ADVANTECH-SYS-1U1320-4A01 Datasheet
643Kb / 2P
1U Intel짰 Core??2 ATX System with One PCIe x4 Slot & Two SATA Trays
APAX-5001 ADVANTECH-APAX-5001_15 Datasheet
285Kb / 1P
1/2/2-slot Backplane Modules
logo
Axiomtek Co., Ltd.
IFO2175-873 AXIOMTEK-IFO2175-873_16 Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
logo
AAEON Technology
BOXER-6652-A1-1010 AAEON-BOXER-6652-A1-1010 Datasheet
400Kb / 2P
Mini-Card Slot x 2 (USB & PCIe Signal)
logo
Advantech Co., Ltd.
PCE-3B06-02A1E ADVANTECH-PCE-3B06-02A1E Datasheet
1Mb / 6P
PCE-3B06-02 Backplane: 6 Slot PICMG 1.3 Halfsize BP for 6-slot Wallmount Chassis, 1 x PCIe x16, 2 x PCIe x1, 2 x 32-bit/33 MHz PCI
PCE-3B03-00 ADVANTECH-PCE-3B03-00 Datasheet
223Kb / 4P
PCE-3B03-00 Backplane: 3 Slot PICMG1.3 Half-size BP, 1 x PCIe x16, 1 x PCIe x4
logo
Adlink Technology Inc.
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
3U CompactPCI Subsystem with 8-slot Backplane
logo
Advantech Co., Ltd.
APAX-5402 ADVANTECH-APAX-5402 Datasheet
325Kb / 1P
2-slot Expansion Backplane for APAX-5580
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com