Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1189 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1189
Description  Heyco짰 Male/Female Combination Terminals ??7 Gauge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1189 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1189 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Power Components
®
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
8-55
.19
.250
.250
.058
U/L & CSA
MOLD LINE
.464
1.59
.17
.060
.200
.44
.15
.250
.313
.313
.19
.250
.250
.058
U/L & CSA
MOLD LINE
.464
.200
.44
1.59
.15
.17
.060
.058
U/L & CSA
MOLD LINE
.464
.44
1.59
.17
.15
.060
.200
.250
.058
U/L & CSA
MOLD LINE
.464
1.59
.17
.060
.200
.44
.15
.250
Material
Alloy 260 Brass (70% Cu, 30% Zn. Higher Cu content resists dezincification)
Certifications
Recognized Component under UL File E164169
6304 (bulk) & 6306 (strip)
6305
6313 & 6314 (must be purchased together)
6310
Heyco® Male/Female Combination Terminals –
27 Gauge
Full Thickness Combination Blades - .058˝ Mold Line Thickness
For Heyco’s complete line of Full Thickness Blades, see pages 8-31 thru 8-34.
1186 Series
• Typical use is 3 to 2 wire grounding
adapters and piggy-back current taps.
• Narrow at female end to allow for use
of stronger mold loading pins.
• Female end is a wiping contact.
• 1.59˝ (40,4 mm) overall length.
• Available in bulk only.
• For less costly Padded version see
1189 Series on page 8-57.
• DFARS Compliant
1186-C Series
• Same as 1186 Series except
conductor has crimpng ears.
• Features a notched blade for high
temperature pull-out requirements.
• Available in both bulk and strip form.
• For lower cost Padded version see
page 8-57.
• DFARS Compliant
PART DATA
PART NO.
APPLICATION TOOLING*
Overall
Crimp
Length
Type
Width
Material
Non-
Die**
Feeds
Punch
Anvil
in.
in.
polarized
Polarized
1186 Series - Flat Blades
Blade
.250
Brass
6305
-
1.59
Blade
.313
Brass
-
6313†
-
Bulk
-
-
Neutral
.250
Brass
-
6314†
1186-C Series - Flat Blades with Crimp
Blade
.250
Brass
6304
-
-
Bulk
-
-
1.59
6306
-
6306SXX5
Left to
Blade
.313
Brass
-
6310††
6310SXX5
Right
019C
021C
Neutral
.250
Brass
* Use the Heyco Standard Applicator Die (indicated by “S” in the Die Part No.), page 8-59.
** “XX” represents Wire Gauge. Please specify Wire Gauge when ordering.
† Parts are not UL Recognized and must be purchased together in equal quantities.
†† Polorized pair in strip form, not UL Recognized.


Similar Part No. - 1189

ManufacturerPart #DatasheetDescription
logo
Heyco.
1189 HEYCO-1189 Datasheet
198Kb / 1P
Male/Female Combination Terminals - 20 Gauge
logo
Ashcroft, Inc.
1189 ASHCROFT-1189 Datasheet
401Kb / 4P
1189 Low Pressure Bellows Gauge
RevG_11-26-22
logo
Adafruit Industries
1189 ADAFRUIT-1189 Datasheet
410Kb / 2P
Massive Arcade Button with LED - 100mm Blue
logo
RUBYCON CORPORATION
1189-3693-KIT RUBYCON-1189-3693-KIT Datasheet
170Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
logo
Molex Electronics Ltd.
1189-A MOLEX1-1189-A Datasheet
126Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189,Female, with Gold (Au) Plated Brass Contact, 14-20 AWG, Reel
More results

Similar Description - 1189

ManufacturerPart #DatasheetDescription
logo
FCI connector
68021-240HLF FCI-CONNECTOR-68021-240HLF Datasheet
273Kb / 2P
2.8 mm female and male terminals
logo
Rosenberger Hochfrequen...
60GK0KS-010 ROSENBERGER-60GK0KS-010 Datasheet
688Kb / 2P
7/16 GAUGE KIT
60W00K-000 ROSENBERGER-60W00K-000 Datasheet
1Mb / 2P
7-16 Gauge Jack
60W00S-000 ROSENBERGER-60W00S-000 Datasheet
1Mb / 2P
7-16 Gauge Plug
07GK001-010 ROSENBERGER-07GK001-010 Datasheet
524Kb / 2P
RPC-7 GAUGE KIT
07W001-000 ROSENBERGER-07W001-000 Datasheet
887Kb / 2P
RPC-7 Gauge
logo
MKS Instruments.
937B MKS-937B Datasheet
591Kb / 8P
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
List of Unclassifed Man...
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Molex Electronics Ltd.
ATS-638629000 MOLEX-ATS-638629000 Datasheet
345Kb / 5P
FineAdjust for Male and Female Crimp Terminals
04-25-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com